Electronic Components Datasheet Search
  English  ▼

X  

MIC5249 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC5249
Description  300MA UCAP LDO WITH PROGRAMMABLE POWER ON RESET DELAY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5249 Datasheet(HTML) 6 Page - Micrel Semiconductor

  MIC5249 Datasheet HTML 1Page - Micrel Semiconductor MIC5249 Datasheet HTML 2Page - Micrel Semiconductor MIC5249 Datasheet HTML 3Page - Micrel Semiconductor MIC5249 Datasheet HTML 4Page - Micrel Semiconductor MIC5249 Datasheet HTML 5Page - Micrel Semiconductor MIC5249 Datasheet HTML 6Page - Micrel Semiconductor MIC5249 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MIC5249
Micrel
M0382-033004
6
March 2004
Thermal Consideration
The MIC5249 is designed to provide 300mA of continuous
current in a very small package. Maximum power dissipation
can be calculated based on the output current and the voltage
drop across the device. To determine the maximum power
dissipation of the package, use the junction-to-ambient ther-
mal resistance of the device and the following basic equation:
P max
T max
T
D
JA
JA
()
()
=
−


θ
T
J(max) is the maximum junction temperature of the die,
125
°C and T
A is the ambient operating temperature. θJA is
layout dependent; Table 1 shows examples of the junction-
to-ambient thermal resistance for the MIC5249.
Package
θθθθθ
JA Recommended
Minimum Footprint
MSOP-8 (MM)
200
°C/W
Table 1. MSOP-8 Thermal Resistance
The actual power dissipation of the regulator circuit can be
determined using the equation:
P
D = (VIN – VOUT ) IOUT + VIN IGND
Substituting P
D(max) for PD and solving for the operating
conditions that are critical to the application will give the
maximum operating conditions for the regulator circuit. For
example, when operating the MIC5249-3.0BMM at 50
°C with
a minimum footprint layout, the maximum input voltage for a
set output current can be determined as follows:
Pmax
125 C
50 C
200 C/W
D () =
°−
°
°


The junction-to-ambient thermal resistance for the minimum
footprint is 200
°C/W, from Table 1. The maximum power
dissipation must not be exceeded for proper operation. Using
the output voltage of 3.0V, and an output current of 300mA,
the maximum input voltage can be determined. Because this
device is CMOS and the ground current is typically 90
µA over
the load range, the power dissipation contributed by the
ground current is < 1.0% and can be ignored for this calcula-
tion.
375mW = (V
IN – 3.0V)300mA
375mW = V
IN × 300mA – 900mW
1275mW = V
IN × 300mA
V
IN(max) = 4.25V
Therefore, a 3.0V application at 300mA of output current can
accept a maximum input voltage of 4.25V in the MSOP-8
package. For a full discussion of heat sinking and thermal
effects on the voltage regulators, refer to the “Regulator
Thermals” section of
Micrel’s Designing with Low-Dropout
Voltage Regulators Handbook.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com