Electronic Components Datasheet Search
  English  ▼

X  

MIC5249 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5249
Description  300MA UCAP LDO WITH PROGRAMMABLE POWER ON RESET DELAY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5249 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5249 Datasheet HTML 1Page - Micrel Semiconductor MIC5249 Datasheet HTML 2Page - Micrel Semiconductor MIC5249 Datasheet HTML 3Page - Micrel Semiconductor MIC5249 Datasheet HTML 4Page - Micrel Semiconductor MIC5249 Datasheet HTML 5Page - Micrel Semiconductor MIC5249 Datasheet HTML 6Page - Micrel Semiconductor MIC5249 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
March 2004
3
M0382-033004
MIC5249
Micrel
Electrical Characteristics
V
IN = VOUT +1.0V; COUT = 1.0µF, IOUT = 100µA; TJ = 25°C, bold values indicate –40°C to + 125°C; unless noted.
Parameter
Conditions
Min
Typ
Max
Units
Output Voltage Accuracy
Variation from nominal V
OUT
–1.0
+1.0
%
–3.0
+3.0
%
Line Regulation
V
IN = VOUT +1V to 6V
–0.3
0.02
+0.3
%/V
Load Regulation
I
OUT = 0.1mA to 300mA
1.5
3.0
%
Dropout Voltage
I
OUT = 100µA1
mV
I
OUT = 150mA
160
225
mV
275
mV
I
OUT = 300mA
340
500
mV
600
mV
Ground Pin Current
I
OUT = 0mA
85
150
µA
I
OUT = 300mA
100
200
µA
Ground Pin Current in Shutdown
V
EN < 0.4V (Regulator OFF)
0.35
1
µA
Ripple Rejection
f = 120Hz, C
OUT = 2.2µF65
dB
Current Limit
V
OUT = 0V
300
440
mA
Enable Input
Enable Input Voltage
Logic low (regulator shutdown)
0.4
V
Logic high (regulator enabled)
1.6
V
Enable Input Current
V
IL < 0.4V (regulator shutdown)
0.01
µA
V
IH > 1.6V (regulator enabled)
0.01
µA
Delay Input
Delay Pin Current Source
0.55
1
µA
Delay Pin Threshold Voltage
Threshold for RESET = Logic high
1.40
V
RESET Output
V
TH
Low threshold, % of V
OUT (Flag ON)
89
91
%
High threshold, % of V
OUT (Flag OFF)
93
96
%
V
OL
RESET output logic – low voltage; I
RESET = 100µA
0.020
0.1
V
output in fault condition
I
RESET
Flag leakage current, Flag OFF
0.01
µA
Notes:
1.
Exceeding maximum rating may damage the device.
2.
The device is not guaranteed to work outside its operating rating.
3.
The maximum allowable power dissipation of any T
A (ambient temperature) is PD(max) = TJ(max) – TA) ÷ θJA. Exceeding the maximum allowable
power dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown.
4.
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
Absolute Maximum Ratings(1)
Supply Input Voltage (V
IN) .................................. 0V to +7V
Power Dissipation (P
D) ........................ Internally Limited
(3)
Junction Temperature .............................. –40
°C to +125°C
Lead Temperature (soldering, 5 sec.) ....................... 260
°C
Storage Temperature (T
S) ......................... –65°C to 150°C
ESD Rating(4)
Operating Ratings(2)
Supply Input Voltage (V
IN) ............................. +2.7V to +6V
Enable Input Voltage (V
EN) .................................. 0V to VIN
Junction Temperature (T
J) ....................... –40°C to +125°C
Package Thermal Resistance
MSOP-8 (
θ
JA ) ................................................... 200°C/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com