Electronic Components Datasheet Search
  English  ▼

X  

MIC49300 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC49300
Description  3.0A LOW VOLTAGE LDO REGULATOR W/DUAL INPUT VOLTAGES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC49300 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC49300 Datasheet HTML 1Page - Micrel Semiconductor MIC49300 Datasheet HTML 2Page - Micrel Semiconductor MIC49300 Datasheet HTML 3Page - Micrel Semiconductor MIC49300 Datasheet HTML 4Page - Micrel Semiconductor MIC49300 Datasheet HTML 5Page - Micrel Semiconductor MIC49300 Datasheet HTML 6Page - Micrel Semiconductor MIC49300 Datasheet HTML 7Page - Micrel Semiconductor MIC49300 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
October 2003
3
MIC49300
MIC49300
Micrel
Electrical Characteristics
T
A = 25°C with VBIAS = VOUT +2.1V; VIN = VOUT + 1V; bold values indicate –40°C<TJ < +125°C, Note 4; unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Units
Output Voltage Accuracy
At 25°C, fixed voltage options
–1
+1
%
Over temperature range
–2
+2
%
Line Regulation
V
IN = 2.0V to 6.5V
–0.1
0.01
+0.1
%/V
Load Regulation
I
L = 0mA to 3A
0.2
0.5
%
Dropout Voltage (V
IN – VOUT)IL = 1.5A
125
200
mV
I
L = 3A
280
400
mV
Dropout Voltage (V
BIAS – VOUT)IL = 3A
1.5
2.1
V
Note 4
Ground Pin Current, Note 5
I
L = 0mA
25
mA
I
L = 3A
25
50
mA
Ground Pin Current in Shutdown
V
EN ≤ 0.6V, (IBIAS + ICC), Note 6
0.07
5
µA
Current thru V
BIAS
I
L = 0mA
20
35
mA
I
L = 3A
50
150
mA
Current Limit
V
OUT = 0V
6.5
9
A
Enable Input, Note 6
Enable Input Threshold
Regulator enable
1.6
V
(Fixed Voltage only)
Regulator shutdown
0.6
V
Enable Pin Input Current
0.1
1.0
µA
Reference
Reference Voltage
Adjustable option only
0.891
0.9
0.909
V
0.882
0.918
V
Note 1.
Exceeding the absolute maximum rating may damage the device.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3.
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
Note 4.
For V
OUT ≤1V, VBIAS dropout specification does not apply due to a minimum 3V VBIAS input.
Note 5.
I
GND = IBIAS + (IIN – IOUT). At high loads, input current on VIN will be less than the output current, due to drive current being supplied by VBIAS.
Note 6.
Fixed output voltage versions only.
Absolute Maximum Ratings (Note 1)
Supply Voltage (V
IN) ....................................................... 8V
Bias Supply Voltage (V
BIAS) ............................................ 8V
Enable Input Voltage (V
EN) ............................................. 8V
Power Dissipation .................................... Internally Limited
ESD Rating, Note 3 ...................................................... 2kV
Operating Ratings (Note 2)
Supply Voltage (V
IN) ....................................... 1.4V to 6.5V
Bias Supply Voltage (V
BIAS) ............................... 3V to 6.5V
Enable Input Voltage (V
EN) .................................. 0V to VIN
Junction Temperature Range ............. –40°C ≤TJ ≤ +125°C
Package Thermal Resistance
S-PAK(θJC) ............................................................ 2°C/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com