Electronic Components Datasheet Search
  English  ▼

X  

MIC49300 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC49300
Description  3.0A LOW VOLTAGE LDO REGULATOR W/DUAL INPUT VOLTAGES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC49300 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC49300 Datasheet HTML 1Page - Micrel Semiconductor MIC49300 Datasheet HTML 2Page - Micrel Semiconductor MIC49300 Datasheet HTML 3Page - Micrel Semiconductor MIC49300 Datasheet HTML 4Page - Micrel Semiconductor MIC49300 Datasheet HTML 5Page - Micrel Semiconductor MIC49300 Datasheet HTML 6Page - Micrel Semiconductor MIC49300 Datasheet HTML 7Page - Micrel Semiconductor MIC49300 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
October 2003
5
MIC49300
MIC49300
Micrel
0
50
100
150
200
250
300
0
0.5
1
1.5
2
2.5
3
OUTPUT CURRENT (A)
V
IN
Dropout
vs. Output Current
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
00.5
1.0
1.5
2.0
2.5
3.0
OUTPUT CURRENT (A)
V
BIAS
Dropout
vs. Output Current
0
50
100
150
200
250
300
350
400
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (°C)
Dropout vs.
Temperature (Input Supply)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
SUPPLY VOLTAGE (V)
Dropout Characteristics
V
BIAS = 5V
100mA
3A
0
5
10
15
20
25
0 0.5 1 1.5 2 2.5 3 3.5 4
INPUT SUPPLY (V)
Bias Current
vs. Input Supply
V
OUT = 1.8V
V
BIAS = 5V
I
OUT = 0mA
I
OUT = 100mA
0
100
200
300
400
500
600
700
800
900
1000
0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
SUPPLY VOLTAGE (V)
Bias Current
vs. Supply Voltage
I
OUT = 1A
I
OUT = 3A
I
OUT = 2A
0
5
10
15
20
25
30
35
0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT CURRENT (A)
Bias Current
vs. Output Current
V
BIAS = 5V
V
IN = 2.5V
0
5
10
15
20
25
30
35
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (°C)
Bias Current
vs. Temperature
I
OUT
= 100mA
I
OUT
= 100µA
I
OUT
= 500mA
0
10
20
30
40
50
60
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (°C)
Bias Current
vs. Temperature
I
OUT = 1A
I
OUT = 3A
I
OUT = 2A
1.764
1.774
1.784
1.794
1.804
1.814
1.824
1.834
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (°C)
Output Voltage
vs. Temperature
0
1
2
3
4
5
6
7
8
9
-40 -20 0
20 40 60 80 100 120
TEMPERATURE(°C)
Short Circuit
vs. Temperature
Typical Characteristics



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com