Electronic Components Datasheet Search
  English  ▼

X  

LM9822 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9822
Description  LM9822 3 Channel 42-Bit Color Scanner Analog Front End
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9822 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM9822 Datasheet HTML 10Page - National Semiconductor (TI) LM9822 Datasheet HTML 11Page - National Semiconductor (TI) LM9822 Datasheet HTML 12Page - National Semiconductor (TI) LM9822 Datasheet HTML 13Page - National Semiconductor (TI) LM9822 Datasheet HTML 14Page - National Semiconductor (TI) LM9822 Datasheet HTML 15Page - National Semiconductor (TI) LM9822 Datasheet HTML 16Page - National Semiconductor (TI) LM9822 Datasheet HTML 17Page - National Semiconductor (TI) LM9822 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
14
www.national.com
Table 2: Configuration Register Parameters
Power-Up Default Register Settings are shown in
Bold Italics
Parameter
(Address)
Control Bits
Result
Sample Mode (0)
I/O Mode
(0)
B7
0
1
Normal Output Driver Operation
Reduced Slew Rate Output Driver Operation
DOE
(Data Output Edge)
(0)
B6
0
1
D7-D0 are clocked out (change) on the falling edge of MCLK - Recommended setting for
lowest noise and best overall performance.
D7-D0 are clocked out (change) on the rising edge of MCLK
CDS (Enable)
(0)
B5
0
1
CDS disabled (CIS)
CDS Enabled (CCD)
Signal Polarity
(0)
B4
0
1
Negative Polarity (CCD) Clamping to VREF+
Positive Polarity (CIS) Clamping to VREF-
SMPCL
(0)
B3
0
1
Clamp is on for 1 MCLK before reference sampled
Clamp is on between the reference and the signal sample points
CDSREF
(0)
B2
0
0
1
1
B1
0
1
0
1
Reference (for pixel N+1) sampled 1 MCLK cycle after signal (for pixel N) sampled
Reference (for pixel N+1) sampled 2 MCLK cycle after signal (for pixel N) sampled
Reference (for pixel N+1) sampled 3 MCLK cycle after signal (for pixel N) sampled
Reference (for pixel N+1) sampled 4 MCLK cycle after signal (for pixel N) sampled
PD
(Power Down)
(0)
B0
0
1
Operating
Low Power Standby



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com