Electronic Components Datasheet Search
  English  ▼

X  

LM9822 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9822
Description  LM9822 3 Channel 42-Bit Color Scanner Analog Front End
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9822 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM9822 Datasheet HTML 11Page - National Semiconductor (TI) LM9822 Datasheet HTML 12Page - National Semiconductor (TI) LM9822 Datasheet HTML 13Page - National Semiconductor (TI) LM9822 Datasheet HTML 14Page - National Semiconductor (TI) LM9822 Datasheet HTML 15Page - National Semiconductor (TI) LM9822 Datasheet HTML 16Page - National Semiconductor (TI) LM9822 Datasheet HTML 17Page - National Semiconductor (TI) LM9822 Datasheet HTML 18Page - National Semiconductor (TI) LM9822 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
15
www.national.com
Red, Green and Blue Offset DAC Settings (1, 2 & 3)
Offset Polarity
B5
0
1
Positive Offset
Negative Offset
Offset Value
B4(M
SB)
B3
B2
B1
B0(LSB)
Typical Offset = 20LSBs * Offset Value * PGA Gain
Typical Offset
Values
B5
(SIGN
)
0
0
0
• • •
0
0
1
1
1
• • •
1
1
B4
(MSB)
0
0
0
• • •
1
1
0
0
0
• • •
1
1
B3
0
0
0
• • •
1
1
0
0
0
• • •
1
1
B2
0
0
0
• • •
1
1
0
0
0
• • •
1
1
B1
0
0
1
• • •
1
1
0
0
1
• • •
1
1
B0
(LSB)
0
1
0
• • •
0
1
0
1
0
• • •
0
1
Typical Offset (with PGA Gain = 1)
12 bit LSBs
0.00
+20
+40
• • •
+600
+620
0
-20
-40
• • •
-600
-620
Red, Green and Blue Gain Settings (4, 5 & 6)
Boost Gain Enable
B5
0
1
Boost Gain = 1V/V
Boost Gain = 3V/V
PGA Gain Value
B4(M
SB)
B3
B2
B1
B0(LSB)
PGA Gain (V/V) =.933 + 0.0667 * (PGA Gain Value)
Gain
Gain = Boost Gain * PGA Gain
Table 2: Configuration Register Parameters (Continued)
Power-Up Default Register Settings are shown in
Bold Italics
Parameter
(Address)
Control Bits
Result



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com