Electronic Components Datasheet Search
  English  ▼

X  

UB10.241 Datasheet(PDF) 2 Page - PULS GmbH

Part # UB10.241
Description  DC-UPS CONTROL UNIT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

UB10.241 Datasheet(HTML) 2 Page - PULS GmbH

  UB10.241 Datasheet HTML 1Page - PULS GmbH UB10.241 Datasheet HTML 2Page - PULS GmbH UB10.241 Datasheet HTML 3Page - PULS GmbH UB10.241 Datasheet HTML 4Page - PULS GmbH UB10.241 Datasheet HTML 5Page - PULS GmbH UB10.241 Datasheet HTML 6Page - PULS GmbH UB10.241 Datasheet HTML 7Page - PULS GmbH UB10.241 Datasheet HTML 8Page - PULS GmbH UB10.241 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
UB10.241
U–Series
24V, 10A, DC-UPS
INDEX
PAGE
INDEX
PAGE
1.
General Description ............................................1
2.
Short-form Data ..................................................1
3.
Order Numbers....................................................1
4.
Markings ..............................................................1
5.
Input ....................................................................3
6.
Output in Normal Mode .....................................4
7.
Output in Buffer Mode .......................................5
8.
Battery Input .......................................................6
9.
Buffer Time..........................................................7
10. Efficiency and Power Losses................................9
11. Functional Diagram.............................................9
12. Check Wiring and Battery Quality Tests...........10
13. Relay Contacts and Inhibit Input ......................11
14. Front Side User Elements ..................................13
15. Terminals and Wiring........................................14
16. Reliability ...........................................................14
17. EMC ................................................................... 15
18. Environment ..................................................... 16
19. Protection Features .......................................... 16
20. Safety ................................................................ 17
21. Approvals .......................................................... 17
22. Fulfilled Standards............................................ 17
23. Used Substances ............................................... 18
24. Physical Dimensions and Weight ..................... 18
25. Installation Notes ............................................. 19
26. Accessories ........................................................ 20
27. Application Notes ............................................. 21
27.1. Battery Replacement Intervals............... 21
27.2. Parallel and Serial Use............................ 22
27.3. Using the Inhibit Input........................... 23
27.4. Troubleshooting ..................................... 23
INTENDED USE
The unit shall only be installed and put into operation by qualified personnel.
This unit is designed for installation in an enclosure and is intended for general use, such as in industrial control,
office, communication, and instrumentation equipment. Do not use this device in aircraft, trains and nuclear
equipment, where malfunctioning of the power supply may cause severe personal injury or threaten human life.
TERMINOLOGY AND ABREVIATIONS
DC-UPS
Uninterruptible power supply with DC-Input.
Normal mode
Describes a condition where the battery is charged, the input voltage is in range and the output is
loaded within the allowed limits.
Buffer mode
Describes a condition where the input voltage is below the transfer threshold level, the unit is
running on battery (buffering) and the output is loaded within the allowed limits.
Charging mode
Describes a condition where the battery is being charged, the input voltage is in range and the
output is loaded within the allowed limits.
Inhibit mode
Describes a condition where buffering is disabled on purpose by using the inhibit input of the DC-
UPS. (e.g. for service actions, or to save battery capacity)
Buffer time
Same as the term “hold-up time”.
T.b.d.
To be defined, value or description will follow later.
DISCLAIMER
The information presented in this document is believed to be accurate and reliable and may change without notice.
Some parts of this unit are patent by PULS (US patent No 091662,063, Des. 424,529, …).
No part of this document may be reproduced or utilized in any form without permission in writing from the publisher.
June. 2010 / Rev. 1.3 DS-UB10.241-EN
All parameters are specified at an input voltage of 24V, 10A output load, 25°C ambient and after a 5 minutes run-in time
unless otherwise noted. It is assumed that the input power source can deliver a sufficient output current.
www.pulspower.com Phone +49 89 9278 0
Germany
2/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com