Electronic Components Datasheet Search
  English  ▼

X  

UB10.241 Datasheet(PDF) 1 Page - PULS GmbH

Part # UB10.241
Description  DC-UPS CONTROL UNIT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

UB10.241 Datasheet(HTML) 1 Page - PULS GmbH

  UB10.241 Datasheet HTML 1Page - PULS GmbH UB10.241 Datasheet HTML 2Page - PULS GmbH UB10.241 Datasheet HTML 3Page - PULS GmbH UB10.241 Datasheet HTML 4Page - PULS GmbH UB10.241 Datasheet HTML 5Page - PULS GmbH UB10.241 Datasheet HTML 6Page - PULS GmbH UB10.241 Datasheet HTML 7Page - PULS GmbH UB10.241 Datasheet HTML 8Page - PULS GmbH UB10.241 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
UB10.241
U–Series
24V, 10A, DC-UPS
DC-UPS CONTROL UNIT
■
Requires Only One 12V Battery for a 24V Output
■
Stable Output Voltage in Buffer Mode
■
Superior Battery Management for Longest Battery Life
■
Comprehensive Diagnostic and Monitoring Functions
■
Replace Battery Signal Included
■
Electronically Overload and Short Circuit Protected
■
50% Power Reserves
■
Selectable Buffer Time Limiter
■
3 Year Warranty
1. GENERAL DESCRIPTION
2. SHORT-FORM DATA
Input voltage
nom. 24Vdc
range
22.5-30Vdc
Output current
min.15A
Normal mode
min. 10A
Buffer mode
Output voltage
typ. 0.23V lower
as input voltage
Normal mode
22.25V
Buffer mode, 10A
Allowed batteries
3.9Ah to 40Ah
VRLA lead acid
Temperature range -25 to +70°C
Operational
Derating
0.43A/°C
+60°C to +70°C
normal mode
Dimensions
49x124x117mm WxHxD
Buffer time (at 10A) typ. 6’45”
7Ah battery module
typ. 55’
26Ah batt. module
This uninterruptible power supply (UPS) controller
UB10.241 is an addition to standard 24V power
supplies
to
bridge
power
failures
or
voltage
fluctuations. Expensive downtimes, long restart
cycles and loss of data can be avoided.
The
DC-UPS
includes
a
professional
battery
management system which charges and monitors
the battery to achieve the longest battery service life
as well as many diagnostic functions that ensure a
reliable operation of the entire system.
A unique feature of the UB10.241 is that only one
12V battery is required to buffer the 24V output.
This makes matching batteries unnecessary and
allows a precise battery charging and testing.
The UB10.241 requires one external 12V battery for
which
two
preassembled
battery
modules
are
available. A lightweight 7Ah battery which can be
mounted on the DIN-Rail and a 26Ah module that
can be panel mounted for longer buffer times.
In addition to the UB10.241, the UBC10.241 UPS
includes the same controller with an integrated 5Ah
battery.
Typical setup of a DC-UPS system with the UB10.241:
24V
Power
Supply
12V
Battery
UB10.241
24V
DC-UPS
e.g.:
UZK12.xxx
24V
Load
AC
e.g.:
Dimension
DC
e.g.: PLC
3. ORDER NUMBERS
4. MARKINGS
DC-UPS
UB10.241
Standard controller
Accessories UZK12.071
Battery module 12V 7Ah
UZO12.07
Mounting kit w/o battery
IND. CONT. EQ.
UL 508
UL 60950-1
Class I Div 2
UZK12.261
Battery module 12V 26Ah
UZO12.26
Mounting kit w/o battery
ZM1.WALL
Panel/Wall mount bracket
EMC, LVD
GL
Marine
June. 2010 / Rev. 1.3 DS-UB10.241-EN
All parameters are specified at an input voltage of 24V, 10A output load, 25°C ambient and after a 5 minutes run-in time
unless otherwise noted. It is assumed that the input power source can deliver a sufficient output current.
www.pulspower.com Phone +49 89 9278 0
Germany
1/23


Similar Part No. - UB10.241

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
UB10.242 PULS-UB10.242 Datasheet
721Kb / 21P
DC-UPS
UB10.245 PULS-UB10.245 Datasheet
714Kb / 24P
DC-UPS, DUAL OUTPUT
More results

Similar Description - UB10.241

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BZW20 SIEMENS-BZW20 Datasheet
80Kb / 3P
control unit
logo
Micronas
CCU3000 MICRONAS-CCU3000 Datasheet
837Kb / 77P
Central Control Unit
logo
NEC
UPD71059 NEC-UPD71059 Datasheet
1Mb / 24P
Interrupt Control Unit
logo
Mallory performance clu...
674 MALLORY-674 Datasheet
396Kb / 4P
VIIC CONTROL UNIT
logo
PULS GmbH
UC10.241 PULS-UC10.241 Datasheet
669Kb / 27P
CAPACITOR-BASED DC-UPS
UBC10.241 PULS-UBC10.241 Datasheet
1Mb / 23P
DC-UPS
UB20.241 PULS-UB20.241 Datasheet
887Kb / 31P
DC-UPS
UB10.242 PULS-UB10.242 Datasheet
721Kb / 21P
DC-UPS
logo
Total Power Internation...
DR-UPS40 TOTAL-POWER-DR-UPS40 Datasheet
414Kb / 3P
40A DC UPS Module
logo
Pepperl+Fuchs Inc.
SB4-OR-4CP-4M PF-SB4-OR-4CP-4M Datasheet
1Mb / 6P
Safety control unit
2023-02-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com