Electronic Components Datasheet Search
  English  ▼

X  

SLA4.100 Datasheet(PDF) 2 Page - PULS GmbH

Part # SLA4.100
Description  AS-Interface Power Supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

SLA4.100 Datasheet(HTML) 2 Page - PULS GmbH

  SLA4.100 Datasheet HTML 1Page - PULS GmbH SLA4.100 Datasheet HTML 2Page - PULS GmbH SLA4.100 Datasheet HTML 3Page - PULS GmbH SLA4.100 Datasheet HTML 4Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2/ 4
sla4e100 / 061020
SLA4.100
Data sheet
Ground fault detector
Operating and environmental data
The ground fault detector monitors ground faults on the AS-Interface
lines and includes a self-test feature. The ground fault feature consists
of the LED 'Ground Fault (GF)', a 'Test/Reset' push-button and a relay
output. In case of failure, the output voltage will not switch off. For
proper functioning, it is essential to connect the shield terminal to PE
or machine ground. The AS-Interface network must not contain any
other ground fault detectors or insulation monitoring devices.
LED 'Ground Fault (GF)' displays a current or stored ground fault
push-button 'Reset/test'
• push <2s
• push >2s
to start test function
to reset stored ground fault
Ground fault relay
•max. Vswitch
•max. Iswitch
normally closed contact (NC); opens in the
event of ground fault
AC 25V or DC 60V
0.5A
Non-operating
temperature range
-25°C...+85°C
Operating
temperature range
-10°C...+70°C
(measured at 25mm below the unit)
Derating
from 60°C onwards 3W/K power reduction
necessary (see diagram)
Cooling
natural convection,
no forced air-cooling necessary
Over-temperature
protection
not implemented
Humidity
protect from moisture and condensation
Vibration
• Sinus
•Random
2 – 17.8Hz ±1.6mm (IEC 60068-2-6)
17.8Hz – 500Hz
2g (IEC 60068-2-6)
2...800Hz
0.5m2 (s3) (IEC 60068-2-64)
Shock
15g (6ms), 10g (11ms), IEC 60068-2-27
Degree of pollution
2 (EN 60950)
Overvoltage category II (IEC 60950; IEC 60664), III (EN 50178)
Electromagnetic Compatibility (EMC)
Efficiency, Reliability
Emissions
EN 61000-6-3 (also includes EN 61000-6-4)
Class B (EN 55011, EN 55022)
EN 61000-3-2 and EN 61000-3-3
Immunity
• Electrostatic
Discharge (ESD)
EN 61000-6-2 (also includes EN 61000-6-1),
EN 61000-4-2, Level 4
(withstands 8 kV direct discharge,
15 kV air discharge)
• Electromagnetic
radiated fields
EN 61000-4-3, Level 3 (10 V/m)
• Burst, coupled to:
– ACin lines
– DCout lines
– Signal lines
EN 61000-4-4,
Level 4 (4 kV)
Level 3 (2 kV)
Level 3 (1 kV)
• Surge transients
– Differential
mode (L
→PE,
N
→PE)
– Common mode
(L
→ N)
EN 61000-4-5,
Installation class 4 (4 kV)
Installation class 4 (2 kV)
• Conducted noise
immunity
EN 61000-4-6,
Level 3 (10V, 150 kHz-80 MHz)
• Voltage dips
EN 61000-4-11
•Transient
immunity
Transient resistance acc. to VDE 0160 / W2
over entire load range
Efficiency
typ. 90%
(AC 230V, 4A)
Power dissipation
typ. 13.5W
(AC 230V, 4A)
Schematic



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com