Electronic Components Datasheet Search
  English  ▼

X  

SLA4.100 Datasheet(PDF) 1 Page - PULS GmbH

Part # SLA4.100
Description  AS-Interface Power Supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

SLA4.100 Datasheet(HTML) 1 Page - PULS GmbH

  SLA4.100 Datasheet HTML 1Page - PULS GmbH SLA4.100 Datasheet HTML 2Page - PULS GmbH SLA4.100 Datasheet HTML 3Page - PULS GmbH SLA4.100 Datasheet HTML 4Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
sla4e100 / 061020
1/ 4
AS-Interface
Power Supply with 4A
SLA4.100
• Input: AC 115V / 230V
• Output: 30.5V / 4A
• AS Interface data decoupling
• Infrared (IR) addressing mode
• For highly demanding industrial
applications
• Ground Fault (GF) detector with
signal output
Input
Rated voltage
AC100-120/220-240V
(selectable by front panel slide switch)
Rated current
2.7A (switch in 115V position)
1.3A (switch in 230V position)
Frequency
47...63 Hz (alternatively DC also possible)
Voltage range
AC 85...132V/184...264V, DC 240...300V
Harmonic current
emissions
EN 61000-3-2 [PFC], Class A limits are fulfilled
Integrated internal
fuse
T3A15/250V HBC (not accessible)
Inrush current
limited by NTC resistor
Tamb = +50°C, cold start
(line impedance acc. EN 61000-3-3)
Hold-up time
>30ms @ AC 100V or 196V and rated load
(also see diagram)
AC 120V
AC 132V
AC 230V
AC 264V
Peak current Ipk
<44.7A
<49.3A
<49.7A
<57.5A
I2t
<3.7A2s
<4.6A2s<2.5A2s<3.3A2s
Output
Rated voltage
DC 30.5V ±3% (not adjustable)
Rated current
4.0A
Isolation
Safe low voltage
PELV (IEC 60364-4-41)
SELV (IEC 60950)
Current limitation
>4.2 A
Overload behaviour
Continuous current (also see diagram)
Short-circuit current
>4.2A, <6.5A
Load regulation
stat. <250mV (no load / full load)
Line regulation
stat. <10mV (AC 85...132V/184...264V)
Ripple
<50 mVPP (500kHz bandw., 50Ω measurem.,
ohmic load)
Noise (Spikes)
<150mVPP (20MHz bandw., 50Ω measurem.,
ohmic load)
Over-voltage protection max. 55V
Operating indictor
Green LED (extinguishes at overload)
Output is protected against short-circuit, open circuit and overload.
Use AS-Interface power supplies only together with AS-Interface lines.
Data and energy:
The primary switched mode DIN rail power supply SLA4.100 specifically
supplies AS Interface® systems with energy. The AS-Interface bus tech-
nology allows to connect up to 62 participants to a control and to supply
them with energy with a single two-conductor cable. When connecting
slaves, the yellow AS-Interface cable offers the high degree of protection
IP67 in conjunction with the insulation displacement. The communica-
tion signals of the individual network participants are modulated onto
the supply voltage. For this purpose, specific power supply units with in-
tegrated data decoupling are required for AS-Interface systems.
Fast addressing of slaves:
The "IR addressing mode" selectable via jumper interrupts the data com-
munication on the yellow AS-Interface cable. Participants with an infra-
red interface can then quickly be assigned a new ID address by means of
an infrared programming unit without the need to disconnect them
from the AS-Interface cable. Afterwards, the "Communication Mode"
can be selected again to restart the data communication.
Worldwide operation:
This compact primary switched-mode built-in power supply can be oper-
ated on all usual single-phase line voltages. Its design corresponds to in-
ternational standards. The CE-Declaration allows for industrial and office
application.
Ground fault detector:
Acc. to EN60204 part 1 and DIN VDE0113 respectively, ground faults in
control circuits must neither cause a machine to start inadvertently or to
dangereously move nor prevent a controlled shutdown. The internal
SLA4 ground fault dectector makes external ground fault detector mod-
ules redundant. The AS-Interface network is monitored by the power
supply unit via the AS-Interface cable connected to the various partici-
pants. Detected ground faults are stored and signalled via front panel
LEDs and relay contacts. The ground fault detector may be manually
checked using the test/reset button.
Order information
Order number
Description
SLA4.100
SLZ13
SLZ02
AS-Interface power supply unit
Adapter for S7-300 rail
Wall mounting set (two pcs. per package)
Short description
Appr. No. 41801
EMC and
Low Volt.
Directive
CUL/CSA-C22.2
UL60950 E137006
No 60950
UL508 LISTED
IND. CONT. EQ.
18 WM, 60°C


Similar Part No. - SLA4.100

ManufacturerPart #DatasheetDescription
logo
Epson Company
SLA40000 EPSON-SLA40000 Datasheet
39Kb / 2P
High Density Gate Array
logo
Sanken electric
SLA4010 SANKEN-SLA4010 Datasheet
21Kb / 1P
NPN Darlington With built-in avalanche diode
SLA4030 SANKEN-SLA4030 Datasheet
22Kb / 1P
NPN Darlington General purpose
SLA4030 SANKEN-SLA4030 Datasheet
37Kb / 1P
NPN Darlington General purpose
SLA4030 SANKEN-SLA4030 Datasheet
37Kb / 1P
NPN Darlington General purpose
More results

Similar Description - SLA4.100

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
APS75-30 LAMBDA-APS75-30 Datasheet
1Mb / 2P
AS-i Power Supply
logo
PULS GmbH
SLA8.300 PULS-SLA8.300 Datasheet
294Kb / 4P
AS-Interface power on three phases
SLA8.100 PULS-SLA8.100 Datasheet
252Kb / 4P
AS-Interface Power Supply
SLA3.100 PULS-SLA3.100 Datasheet
363Kb / 4P
AS-Interface Power Supply
logo
Pepperl+Fuchs Inc.
VBG-MOD-K20-D PF-VBG-MOD-K20-D Datasheet
276Kb / 2P
AS-Interface gateway
logo
PHOENIX CONTACT
102044 PHOENIX-102044 Datasheet
236Kb / 13P
Primary-Switched Power Supply for Supplying AS-Interface Systems
01/2005
102045 PHOENIX-102045 Datasheet
252Kb / 13P
Primary-Switched Power Supply for Supplying AS-Interface Systems
01/2005
logo
Pepperl+Fuchs Inc.
VAN-24DC-K28 PF-VAN-24DC-K28 Datasheet
307Kb / 3P
AS-Interface power supply
2019-08-21
VAN-G4-PE-4A PF-VAN-G4-PE-4A Datasheet
250Kb / 2P
AS-Interface power supply
2019-08-23
VAN-KE2-2PE PF-VAN-KE2-2PE Datasheet
220Kb / 2P
AS-Interface power supply
2019-08-23
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com