Electronic Components Datasheet Search
  English  ▼

X  

TPD-2W Datasheet(PDF) 3 Page - Toppower Electronic Technology Limited

Part # TPD-2W
Description  2W 3KVDC Isolated Twin Output DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPD-2W Datasheet(HTML) 3 Page - Toppower Electronic Technology Limited

  TPD-2W Datasheet HTML 1Page - Toppower Electronic Technology Limited TPD-2W Datasheet HTML 2Page - Toppower Electronic Technology Limited TPD-2W Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TPD-2W Series
www.gztoppower.com
TEL:020-82019000
EMAIL:sales@gztoppower.com
page 3 of 3
All dimensions in mm ±0.25mm. All pins on a 2.54mm pitch and within ±0.25mm of true position.
Weight: 2.3g (DIP & SIP)
RECOMMENDED FOOTPRINT DETAILS
TUBE OUTLINE DIMENSIONS
MECHANICAL DIMENSIONS
PIN CONNECTIONS
14 PIN DIP
Pin
Function
Add suffix “/N” function
1-Vin
-Vin
7
NC
NC
8
-Vout2
+Vout2
9
+Vout2
-Vout2
10
-Vout1
+Vout1
11
+Vout1
-Vout1
14
+Vin
+Vin
7 PIN SIP
Pin
Function
Add suffix “/N” function
1
+Vin
+Vin
2
-Vin
-Vin
4
+Vout1
-Vout1
5
-Vout1
+Vout1
6
+Vout2
-Vout2
7
-Vout2
+Vout2
Unless otherwise stated all dimensions in mm ±0.5mm.
Tube length (14 Pin DIP) :520mm ±2mm
Tube Quantity : 25PCS
Tube length (7 Pin SIP) : 520mm ±2mm
Tube Quantity : 25PCS
0.30
0.20
12.70
1.25
YYWW
TPD050505S-2W
19.50
0.55
0.45
TPD050505D-2W
YYWW
19.50
4.60
3.60
2.13
15.24
0.55
0.45
1
7
8
9
11
14
1 24
5
6
10
7
9.80
6.80
6.00
10.00
0.55
0.45
4.60
3.60
2.54
2.54
1.09
0.30
0.20
7.62
2.00
bottom view
bottom view
TOPPOWER
TOPPOWER
14Pin DIP 封装
7Pin SIP 封装
14Pin DIP Tube
7Pin SIP Tube
0.65
5.10
12.00
9.30
5.00
DIP Package
SIP Package
14Pin DIP Package
7Pin SIP Package
2.54
1.15
1.00 7 孔
7 HOLES
1.15
1.00 6 孔
2.54
6 HOLES
TOPPOWER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com