Electronic Components Datasheet Search
  English  ▼

X  

TPD-2W Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TPD-2W
Description  2W 3KVDC Isolated Twin Output DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPD-2W Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TPD-2W Datasheet HTML 1Page - Toppower Electronic Technology Limited TPD-2W Datasheet HTML 2Page - Toppower Electronic Technology Limited TPD-2W Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TPD-2W Series
www.gztoppower.com
TEL:020-82019000
EMAIL:sales@gztoppower.com
page 1 of 3
DESCRIPTION:
The TPD-2W series are miniature, isolated 2W DC/DC-converters with twin output voltage
in a SIP and DIP package. They offer the ideal solution in many space critical applications
for board level power distribution. The internal SMD construction makes it possible to offer
a product with high performance at low cost. The series offers smaller size, improved
efficiency, lower output ripple noise and 3KVDC isolation.
2W 3KVDC Isolated Twin Output DC/DC Converters
SELECTION GUIDE
Part Number
Nominal Input
Voltage
Output
Voltage 1
Output
Voltage 2
Output
Current 1
Output
Current 2
Efficiency
Package
Style
V
V
V
mA
mA
%
TPD050503D-2W
5
5
3.3
200
302
69
DIP
TPD050505D-2W
5
5
5
200
198
70
DIP
TPD050509D-2W
5
5
9
200
110
79
DIP
TPD050512D-2W
5
5
12
200
82
80
DIP
TPD050515D-2W
5
5
15
200
70
79
DIP
TPD050503S-2W
5
5
3.3
200
302
70
SIP
TPD050505S-2W
5
5
5
200
198
70
SIP
TPD050509S-2W
5
5
9
200
110
79
SIP
TPD050512S-2W
5
5
12
200
82
80
SIP
TPD050515S-2W
5
5
15
200
70
80
SIP
TPD050909S-2W
5
9
9
111
111
82
SIP
TPD051212S-2W
5
12
12
83
83
82
SIP
TPD051515S-2W
5
15
15
67
67
83
SIP
TPD120505D-2W
12
5
5
200
198
70
DIP
TPD120509D-2W
12
5
9
200
110
80
DIP
TPD120512D-2W
12
5
12
200
82
80
DIP
TPD120515D-2W
12
5
15
200
70
79
DIP
TPD120505S-2W
12
5
5
200
198
70
SIP
TPD120509S-2W
12
5
9
200
110
80
SIP
TPD120512S-2W
12
5
12
200
82
79
SIP
TPD120515S-2W
12
5
15
200
70
80
SIP
TPD120909S-2W
12
9
9
111
111
83
SIP
TPD121212S-2W
12
12
12
83
83
85
SIP
TPD121515S-2W
12
15
15
67
67
83
SIP
TPD240505S-2W
24
5
5
200
200
81
SIP
TPD240909S-2W
24
9
9
111
111
82
SIP
TPD241212S-2W
24
12
12
83
83
84
SIP
TPD241515S-2W
24
15
15
67
67
84
SIP
Add suffix “P” for continuous short circuit protection, for example TPD050505SP-2W. Add suffix “/N” Define different output pin, for example TPD050505S/N-2W.
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
5V input types
4.5
5.0
5.5
V
Voltage range
12V input types
11
12
13
V
Voltage range
24V input types
22
24
26.5
V
FEATURES
RoHS compliant、CE certification
Twin independent output
Input/output isolation 3KVDC
Output/output isolation 3KVDC
Power sharing on output
Efficiency up to 80%
UL 94V-0 package material
Footprint from 1.17cm2
Input voltage: 5V, 12V,24V
Output one: 5V,9V,12V,15V
Output two: 3.3V, 5V, 9V, 12V, 15V
Operating temperature: -40
℃to 105℃
TOPPOWER


Similar Part No. - TPD-2W

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPD-3W TOPPOWER-TPD-3W Datasheet
716Kb / 3P
3W Wide Input Isolated & Regulated twin Output Dip Dc-Dc Converter
TPD-W-1W TOPPOWER-TPD-W-1W Datasheet
781Kb / 3P
1W 1.5KVDC isolated Wide Input Twin output twin isolation regulated DC/DC converters
TPD-W5 TOPPOWER-TPD-W5 Datasheet
196Kb / 3P
0.5W Isolated Twin Output DC/DC Converters
TPD-W5 TOPPOWER-TPD-W5 Datasheet
797Kb / 3P
0.5W 3KVDC Isolated Twin Output DC/DC Converters
TPD-W5 TOPPOWER-TPD-W5_V01 Datasheet
797Kb / 3P
0.5W 3KVDC Isolated Twin Output DC/DC Converters
More results

Similar Description - TPD-2W

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
KDC_NMK MURATA-KDC_NMK Datasheet
153Kb / 5P
3kVDC Isolated 2W Single & Dual Output DC/DC Converters
NMK2405SC MURATA-NMK2405SC Datasheet
232Kb / 6P
3kVDC Isolated 2W Single & Dual Output DC/DC Converters
logo
Murata Power Solutions ...
NMK MURATA-PS-NMK Datasheet
265Kb / 6P
3kVDC Isolated 2W Single & Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TPG-2W TOPPOWER-TPG-2W Datasheet
220Kb / 3P
2W 3KVDC Isolated Single Output DC/DC Converters
TPG TOPPOWER-TPG Datasheet
647Kb / 3P
2W 3KVDC Isolated Single Output DC/DC Converters
TPH TOPPOWER-TPH Datasheet
651Kb / 4P
2W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPD-W5 TOPPOWER-TPD-W5_V01 Datasheet
797Kb / 3P
0.5W 3KVDC Isolated Twin Output DC/DC Converters
TPG TOPPOWER-TPG_V01 Datasheet
770Kb / 3P
2W 3KVDC Isolated Single Output DC/DC Converters
TPH TOPPOWER-TPH_V01 Datasheet
732Kb / 4P
2W 3KVDC Isolated Single & Dual Output DC/DC Converters
logo
Murata Power Solutions ...
NMK MURATA-PS-NMK_V01 Datasheet
352Kb / 10P
3kVDC Isolated 2W Single & Dual Output DC-DC Converters
2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com