Electronic Components Datasheet Search
  English  ▼

X  

58489-1 Datasheet(PDF) 13 Page - Tyco Electronics

Part # 58489-1
Description  RF Coax Connectors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

58489-1 Datasheet(HTML) 13 Page - Tyco Electronics

Back Button 58489-1 Datasheet HTML 9Page - Tyco Electronics 58489-1 Datasheet HTML 10Page - Tyco Electronics 58489-1 Datasheet HTML 11Page - Tyco Electronics 58489-1 Datasheet HTML 12Page - Tyco Electronics 58489-1 Datasheet HTML 13Page - Tyco Electronics 58489-1 Datasheet HTML 14Page - Tyco Electronics 58489-1 Datasheet HTML 15Page - Tyco Electronics 58489-1 Datasheet HTML 16Page - Tyco Electronics 58489-1 Datasheet HTML 17Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
188
Catalog 1307191
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 3-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
RF Coax Connectors
SMB Connectors, 75 Ohm BT 43 (SMZ) (Continued)
Right-Angle Socket,
Latching, Solder/Crimp
23.0
[0.91]
21.0
[0.83]
16.3
[0.64]
9.9
[0.39]
Ref.
Ref.
Ref.
Ref.
Cable Type
Body Plating
Part No
RG 179B/U
Selective Gold
1311106-1
BT2003
Selective Gold
1311698-1
BT3002, TZC75024
Selective Gold
1311111-1
RG 59B/U, RG 140/U
Selective Gold
1313508-1
Straight Free Plug,
Crimp/Crimp
8.82
[0.35]
30.4
[1.20]
Assembled
20.2
[0.80]
5.60
[0.22]
Dia.
Cable Type
Body Plating
Part No
RG 179B/U
Selective Gold
1408041-1
Right-Angle Socket,
Snap-On, Solder/Crimp
17.93
[0.71]
21.67
[0.85]
16.86
[0.66]
Max.
10.16
[0.40]
Max.
Max.
Max.
Cable Type
Body Plating
Part No
RG 179B/U
Selective Gold
1311103-1
BT3002, TZC75024
Selective Gold
1311104-1
Note: Part Numbers are RoHS compliant except:
Indicates non-RoHS compliant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com