Electronic Components Datasheet Search
  English  ▼

X  

58489-1 Datasheet(PDF) 6 Page - Tyco Electronics

Part # 58489-1
Description  RF Coax Connectors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

58489-1 Datasheet(HTML) 6 Page - Tyco Electronics

Back Button 58489-1 Datasheet HTML 2Page - Tyco Electronics 58489-1 Datasheet HTML 3Page - Tyco Electronics 58489-1 Datasheet HTML 4Page - Tyco Electronics 58489-1 Datasheet HTML 5Page - Tyco Electronics 58489-1 Datasheet HTML 6Page - Tyco Electronics 58489-1 Datasheet HTML 7Page - Tyco Electronics 58489-1 Datasheet HTML 8Page - Tyco Electronics 58489-1 Datasheet HTML 9Page - Tyco Electronics 58489-1 Datasheet HTML 10Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
SMB Connectors, 50 Ohm (Continued)
13.46
[.530]
Dia.
6.35
[.250]
A
B
Plugs
Center
Interface
PCB
Dim.
Dim.
Recommended
Part
Contact
Body
Leg
Dielectric
Style
PC Board
Plating
Plating
Plating
AB
Layout
No.
8.76
2.79
Gold
Nickel
Nickel
TEFLON
.345
.110
Die Cast
B
415380-1*
8.76
3.94
Gold
Nickel
Tin
TEFLON
.345
.155
Die Cast
A
5414338-1
* 5 leg design
Recommended
PC Board Layouts
5.08
[.200]
2.54
[.100]
5.08
[.200]
1.24 Dia.
[.049] Min.
1.75 Dia.
[.069] Min.
(4 Holes)
A
B
Ø 1.24 ± 0.05
[.049 ± .002]
2.54
[.100]
5.08
[.200]
5.08
[.200]
Ø 1.75
[.069]
4 Plcs.
C
2.54
[.100]
5.08
[.200]
5.08
[.200]
Ø 1.32
[.052]
5 Plcs.
12.70
[.500]
A
B
A
B
13.46
[.530]
Jack with Standoff Pads
Jack Low Profile
Jacks
Center
Interface
PCB
Dim.
Dim.
Recommended
Part
Type
Contact
Body
Leg
Dielectric
Style
PC Board
Plating
Plating
Plating
AB
Layout
No.
7.11
3.94
Gold
Gold
Gold
TEFLON
.280
.155
MIL Type
A
413996-2
Low Profile
7.11
3.94
Gold
Nickel
Nickel
TEFLON
.280
.155
MIL Type
A
413996-4
7.11
2.79
Gold
Gold
Gold
TEFLON
.280
.110
Die Cast
A
415340-1
8.76
2.79
Gold
Gold
Gold
TEFLON
.345
.110
Die Cast
A
415672-1
8.51
3.94
Gold
Gold
Gold
TEFLON
.335
.155
MIL Type
A
414026-2
8.76
3.94
Gold
Nickel
Nickel
TEFLON
.345
.155
MIL Type
A
414026-3
With
8.76
3.94
Standoff Pads
Gold
Nickel
Tin-Lead
TEFLON
.345
.155
Die Cast
A
5414337-1
8.76
2.79
Gold
Nickel
Nickel
TEFLON
.345
.110
Die Cast
B
5415379-1*
8.51
3.94
Gold
Nickel
Nickel
TEFLON
.335
.155
Die Cast
A
415381-1
7.67
2.79
Bulkhead
Gold
Gold
Gold
TEFLON
.302
.110
Die Cast
A
414963-1
9.78
3.94
Brass,
Commercial
Gold
Nickel
Tin
Polypropylene
.385
.155
Stamped
C
5228435-1
7.67
2.79
Bulkhead
Gold
Gold
Gold
TEFLON
.302
.110
Die Cast
A
1274330-1
* 5 leg design
PC Board,
Right-Angle Jacks
A
B
19.87
[.782]
Bulkhead Jack
PC Board,
Right-Angle Plug
181
Catalog 1307191
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 3-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
RF Coax Connectors
Note: Part Numbers are RoHS compliant except:
Indicates non-RoHS compliant.
TEFLON is a trademark of E.I. Dupont de
Nemours and Company.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com