Electronic Components Datasheet Search
  English  ▼

X  

MPC9230 Datasheet(PDF) 7 Page - Motorola, Inc

Part # MPC9230
Description  800 MHz Low Voltage PECL Clock Synthesizer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC9230 Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MPC9230 Datasheet HTML 3Page - Motorola, Inc MPC9230 Datasheet HTML 4Page - Motorola, Inc MPC9230 Datasheet HTML 5Page - Motorola, Inc MPC9230 Datasheet HTML 6Page - Motorola, Inc MPC9230 Datasheet HTML 7Page - Motorola, Inc MPC9230 Datasheet HTML 8Page - Motorola, Inc MPC9230 Datasheet HTML 9Page - Motorola, Inc MPC9230 Datasheet HTML 10Page - Motorola, Inc MPC9230 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MPC9230
MOTOROLA
7
TIMING SOLUTIONS
Table 9. AC Characteristics (VCC = 3.3V ± 5%, TA = –40°C to +85°C)1
1. AC characteristics apply for parallel output termination of 50
Ω to VTT
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
fXTAL
Crystal Interface Frequency Range
10
20
MHz
fREF
FREF_EXT Reference Frequency Range
10
(fVCO,MAX÷M)·42
2. The maximum frequency on FREF_EXT is a function of the max. VCO frequency and the M counter. M should be higher than 160 for stable PLL
operation
MHz
fVCO
VCO Frequency Range3
3. The input frequency fXTAL and the PLL feedback divider M must match the VCO frequency range: fVCO = fXTAL ⋅ M ÷ 4.
800
1500
MHz
fMAX
Output Frequency
N = 11 (
÷1)
N = 00 (
÷2)
N = 01 (
÷4)
N = 10 (
÷8)
400
200
100
50
750.00
375.00
187.50
93.75
MHz
MHz
MHz
MHz
fS_CLOCK Serial Interface Programming Clock Frequency4
4. The frequency of S_CLOCK is limited to 10 MHz in serial programming mode. S_CLOCK can be switched at higher frequencies when used as
test clock in test mode 6. See application section for more details.
0
10
MHz
tP,MIN
Minimum Pulse Width
(S_LOAD, P_LOAD)
50
ns
DC
Output Duty Cycle
45
50
55
%
tr, tf
Output Rise/Fall Time
0.05
0.3
ns
20% to 80%
tS
Setup Time
S_DATA to S_CLOCK
S_CLOCK to S_LOAD
M, N to P_LOAD
20
20
20
ns
ns
ns
tH
Hold Time
S_DATA to S_CLOCK
M, N to P_LOAD
20
20
ns
ns
tJIT(CC)
Cycle-to-Cycle Jitter
N = 11 (
÷1)
N = 00 (
÷2)
N = 01 (
÷4)
N = 10 (
÷8)
80
90
130
160
ps
ps
ps
ps
tJIT(CC)
Period Jitter
N = 11 (
÷1)
N = 00 (
÷2)
N = 01 (
÷4)
N = 10 (
÷8)
60
70
120
140
ps
ps
ps
ps
tLOCK
Maximum PLL Lock Time
10
ms
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com