Electronic Components Datasheet Search
  English  ▼

X  

MPC9230 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MPC9230
Description  800 MHz Low Voltage PECL Clock Synthesizer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC9230 Datasheet(HTML) 3 Page - Motorola, Inc

  MPC9230 Datasheet HTML 1Page - Motorola, Inc MPC9230 Datasheet HTML 2Page - Motorola, Inc MPC9230 Datasheet HTML 3Page - Motorola, Inc MPC9230 Datasheet HTML 4Page - Motorola, Inc MPC9230 Datasheet HTML 5Page - Motorola, Inc MPC9230 Datasheet HTML 6Page - Motorola, Inc MPC9230 Datasheet HTML 7Page - Motorola, Inc MPC9230 Datasheet HTML 8Page - Motorola, Inc MPC9230 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MPC9230
MOTOROLA
3
TIMING SOLUTIONS
Table 1. Pin Configurations
Pin
I/O
Default
Type
Function
XTAL_IN, XTAL_OUT
Analog
Crystal oscillator interface
FREF_EXT
Input
0
LVCMOS
Alternative PLL reference input
FOUT, FOUT
Output
LVPECL
Differential clock output
TEST
Output
LVCMOS
Test and device diagnosis output
XTAL_SEL
Input
1
LVCMOS
PLL reference select input
S_LOAD
Input
0
LVCMOS
Serial configuration control input.
This input controls the loading of the configuration latches with the contents of the shift
register. The latches will be transparent when this signal is high, thus the data must
be stable on the high-to-low transition.
P_LOAD
Input
1
LVCMOS
Parallel configuration control input.
This input controls the loading of the configuration latches with the content of the
parallel inputs (M and N). The latches will be transparent when this signal is low, thus
the parallel data must be stable on the low-to-high transition of P_LOAD. P_LOAD is
state sensitive.
S_DATA
Input
0
LVCMOS
Serial configuration data input.
S_CLOCK
Input
0
LVCMOS
Serial configuration clock input.
M[0:8]
Input
1
LVCMOS
Parallel configuration for PLL feedback divider (M).
M is sampled on the low-to-high transition of P_LOAD.
N[1:0]
Input
1
LVCMOS
Parallel configuration for Post-PLL divider (N).
N is sampled on the low-to-high transition of P_LOAD.
OE
Input
1
LVCMOS
Output enable (active high)
The output enable is synchronous to the output clock to eliminate the possibility of runt
pulses on the FOUT output.
GND
Supply
Ground
Negative power supply (GND).
VCC
Supply
VCC
Positive power supply for I/O and core. All VCC pins must be connected to the positive
power supply for correct operation.
VCC_PLL
Supply
VCC
PLL positive power supply (analog power supply).
Table 2. Output Frequency Range and PLL Post-Divider N
N
Output Division
Output Frequency Range
for TA = 0°C to +70°C
Output Frequency Range
for TA = –40°C to +85°C
1
0
0
0
2
200 – 400 MHz
200 – 375 MHz
0
1
4
100 – 200 MHz
100 – 187.5 MHz
1
0
8
50 – 100 MHz
50 – 93.75 MHz
1
1
1
400 – 800 MHz
400 – 750 MHz
Table 3. Function Table
Input
0
1
XTAL_SEL
FREF_EXT
XTAL interface
OE
Outputs disabled. FOUT is stopped
in the logic low state
(FOUT = L, FOUT = H)
Outputs enabled
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com