Electronic Components Datasheet Search
  English  ▼

X  

MPC9772 Datasheet(PDF) 10 Page - Motorola, Inc

Part # MPC9772
Description  3.3V 1:12 LVCMOS PLL Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC9772 Datasheet(HTML) 10 Page - Motorola, Inc

Back Button MPC9772 Datasheet HTML 6Page - Motorola, Inc MPC9772 Datasheet HTML 7Page - Motorola, Inc MPC9772 Datasheet HTML 8Page - Motorola, Inc MPC9772 Datasheet HTML 9Page - Motorola, Inc MPC9772 Datasheet HTML 10Page - Motorola, Inc MPC9772 Datasheet HTML 11Page - Motorola, Inc MPC9772 Datasheet HTML 12Page - Motorola, Inc MPC9772 Datasheet HTML 13Page - Motorola, Inc MPC9772 Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MPC9772
MOTOROLA
10
TIMING SOLUTIONS
SYNC Output Description
The MPC9772 has a system synchronization pulse output
QSYNC. In configurations with the output frequency
relationships are not integer multiples of each other QSYNC
provides a signal for system synchronization purposes. The
MPC9772 monitors the relationship between the A bank and
the B bank of outputs. The QSYNC output is asserted (logic
low) one period in duration and one period prior to the
coincident rising edges of the QA and QC outputs. The duration
and the placement of the pulse is dependent QA and QC output
frequencies: the QSYNC pulse width is equal to the period of
the higher of the QA and QC output frequencies. Figure 6
shows various waveforms for the QSYNC output. The QSYNC
output is defined for all possible combinations of the bank A and
bank C outputs.
fVCO
1:1 Mode
QA
QC
QSYNC
2:1 Mode
QC(
÷2)
QA(
÷6)
QSYNC
3:1 Mode
QA
QC
QSYNC
QA(
÷4)
QC(
÷6)
QSYNC
3:2 Mode
QC(
÷2)
QA(
÷8)
QSYNC
4:1 Mode
QA(
÷6)
QC(
÷8)
QSYNC
4:3 Mode
QA(
÷12)
QC(
÷2)
QSYNC
6:1 Mode
Figure 6. QSYNC Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com