Electronic Components Datasheet Search
  English  ▼

X  

MPC9772 Datasheet(PDF) 12 Page - Motorola, Inc

Part # MPC9772
Description  3.3V 1:12 LVCMOS PLL Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC9772 Datasheet(HTML) 12 Page - Motorola, Inc

Back Button MPC9772 Datasheet HTML 8Page - Motorola, Inc MPC9772 Datasheet HTML 9Page - Motorola, Inc MPC9772 Datasheet HTML 10Page - Motorola, Inc MPC9772 Datasheet HTML 11Page - Motorola, Inc MPC9772 Datasheet HTML 12Page - Motorola, Inc MPC9772 Datasheet HTML 13Page - Motorola, Inc MPC9772 Datasheet HTML 14Page - Motorola, Inc MPC9772 Datasheet HTML 15Page - Motorola, Inc MPC9772 Datasheet HTML 16Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
MPC9772
MOTOROLA
12
TIMING SOLUTIONS
The feedback trace delay is determined by the board layout
and can be used to fine-tune the effective delay through each
device.
Due to the frequency dependence of the static phase offset
and I/O jitter, using Figure 9 to Figure 11 to predict a maximum
I/O jitter and the specified t(∅
) parameter relative to the input
reference frequency results in a precise timing performance
analysis.
In the following example calculation an I/O jitter confidence
factor of 99.7% (
± 3σ) is assumed, resulting in a worst case
timing uncertainty from the common input reference clock to
any output of –455 ps to +455 ps relative to CCLK (PLL
feedback =
÷8, reference frequency = 50 MHz, VCO
frequency = 400 MHz, I/O jitter = 13 ps rms max., static phase
offset t(∅) = ± 166 ps):
tSK(PP) =
[-166ps...166ps] + [-250ps...250ps] +
[(13ps
⋅ –3)...(13ps ⋅ 3)] + t
PD, LINE(FB)
tSK(PP) =
[-455ps...455ps] + tPD, LINE(FB)
Driving Transmission Lines
The MPC9772 clock driver was designed to drive high speed
signals in a terminated transmission line environment. To
provide the optimum flexibility to the user the output drivers
were designed to exhibit the lowest impedance possible. With
an output impedance of less than 20
Ω the drivers can drive
either parallel or series terminated transmission lines. For more
information on transmission lines the reader is referred to
Motorola application note AN1091. In most high performance
clock networks point-to-point distribution of signals is the
method of choice. In a point-to-point scheme either series
terminated or parallel terminated transmission lines can be
used. The parallel technique terminates the signal at the end of
the line with a 50
Ω resistance to V
CC÷2.
This technique draws a fairly high level of DC current and
thus only a single terminated line can be driven by each output
of the MPC9772 clock driver. For the series terminated case
however there is no DC current draw, thus the outputs can drive
multiple series terminated lines. Figure 12. “Single versus Dual
Transmission Lines” illustrates an output driving a single series
terminated line versus two series terminated lines in parallel.
When taken to its extreme the fanout of the MPC9772 clock
driver is effectively doubled due to its capability to drive multiple
lines.
Table 12. Confidence Factor CF
CF
Probability of Clock Edge
within the Distribution
± 1σ
0.68268948
± 2σ
0.95449988
± 3σ
0.99730007
± 4σ
0.99993663
± 5σ
0.99999943
± 6σ
0.99999999
Figure 9. MPC9772 I/O Jitter
VCO Frequency [MHz]
200
250
300
350
400
450
480
160
140
120
100
80
60
40
20
0
FB=
÷32
FB=
÷16
FB=
÷8
FB=
÷4
Max. I/O Phase Jitter versus Frequency
Parameter: PLL Feedback Divider FB
Figure 10. MPC9772 I/O Jitter
VCO Frequency [MHz]
200
250
300
350
400
450
480
120
100
80
60
40
20
0
FB=
÷12
FB=
÷24
Max. I/O Phase Jitter versus Frequency
Parameter: PLL Feedback Divider FB
FB=
÷6
Figure 11. MPC9772 I/O Jitter
VCO Frequency [MHz]
200
250
300
350
400
450
480
140
120
100
80
60
40
20
0
FB=
÷20
FB=
÷10
FB=
÷40
Max. I/O Phase Jitter versus Frequency
Parameter: PLL Feedback Divider FB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com