Electronic Components Datasheet Search
  English  ▼

X  

REPOT1-10 Datasheet(PDF) 1 Page - Recom International Power

Part # REPOT1-10
Description  suitable for 1-10V dimmable LED drivers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REPOT1-10 Datasheet(HTML) 1 Page - Recom International Power

  REPOT1-10 Datasheet HTML 1Page - Recom International Power REPOT1-10 Datasheet HTML 2Page - Recom International Power REPOT1-10 Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
L-1
REV.: 0/2015
www.recom-power.com
Refer to Applications Notes
Electronic
Potentio-
meter
DIMMER
Features
LED
Dimmer
• suitable for 1-10V dimmable LED drivers
• with pressure two-way switch and thermal link
REPOT
EN60669-1 compliant
EN60669-2-1 compliant
Description
The new REPOT01-10 is an electronic Potentiometer which is the perfect complement to our upcoming
LED drivers RACD45-A, RACD60-A, RACD100-A and RACD150-A. It is also possible to power any LED
Driver that offers a 1-10V dimming input because it works as a current sink and not as an ordinary
potentiometer. The REPOT includes an adjustable minimum dimming level and a switch contact to turn
off the driver completely. The warranty is 5 years.
Selection Guide
Part
Input
Dim Control
Dim Control
Number
Voltage Range
Current
Voltage
(VAC)
(mA)
(VDC)
REPOT1-10
198-264
40
1-10
5 YEAR
warranty
5
Specifications (measured at TA= 25°C, nominal input voltage, rated load)
PROTECTION
Parameter
Type
Value
Input Fuse (1)
0.8A, slow blow
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
max. Case Temperature Range
with derating
-10°C to +80C, Ambient
80°C max.
SAFETY AND CERTIFICATIONS
Certificate Type (compliant)
Standard
Switches for household and similar fixed-electrical installations - General requirements
EN-60669-1:2008
Switches for household and similar fixed electrical installations - Particular requirements EN-60669-2-1:2010
-20
100
80
60
40
20
35
0
0
20
40
60
80
100
Ambient Temperature (°C)
Derating Graph
Notes:
Note1:
Each dimmer contains a spare fuse inside the white protective cover.


Similar Part No. - REPOT1-10

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REPOT1-10 RECOM-REPOT1-10 Datasheet
389Kb / 3P
Electronic Potentiometer
More results

Similar Description - REPOT1-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SD2 ETC2-SD2 Datasheet
945Kb / 2P
Universal Bi-Level dimming control module for use with 0-10V dimmable LED Drivers
SD3 ETC2-SD3 Datasheet
1Mb / 2P
Universal Tri-Level dimming control modules for use with 0-10V dimmable LED Drivers
TSC-075S035ST ETC2-TSC-075S035ST Datasheet
660Kb / 3P
Dimmable LED Drivers
VLED25W-075-C0350-XX ETC2-VLED25W-075-C0350-XX Datasheet
892Kb / 4P
Dimmable LED Drivers
VLED40W-120-C0350-XX ETC2-VLED40W-120-C0350-XX Datasheet
722Kb / 4P
Dimmable LED Drivers
VLED50W-149-C0350-XX ETC2-VLED50W-149-C0350-XX Datasheet
818Kb / 4P
Dimmable LED Drivers
logo
LinkCom Manufacturing C...
40W-DBFE LINKCOM-40W-DBFE Datasheet
416Kb / 5P
0-10V Dimmable
logo
Diodes Incorporated
AL1692 DIODES-AL1692 Datasheet
787Kb / 15P
DIMMABLE LED CONTROLLER/DRIVERS
Rev 1
logo
Recom International Pow...
REDIM RECOM-REDIM Datasheet
418Kb / 3P
suitable for energy-saving lamps, dimmable LED lamps
logo
Diodes Incorporated
AL1692 DIODES-AL1692_17 Datasheet
424Kb / 15P
DIMMABLE LED CONTROLLER/DRIVERS
Rev 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com