Electronic Components Datasheet Search
  English  ▼

X  

REPOT1-10 Datasheet(PDF) 3 Page - Recom International Power

Part # REPOT1-10
Description  suitable for 1-10V dimmable LED drivers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REPOT1-10 Datasheet(HTML) 3 Page - Recom International Power

  REPOT1-10 Datasheet HTML 1Page - Recom International Power REPOT1-10 Datasheet HTML 2Page - Recom International Power REPOT1-10 Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DC/DC Converter
REPOT
Series
Specifications (measured at TA= 25°C, nominal input voltage, rated load)
PACKAGING INFORMATION
Parameter
Type
Value
Packaging Dimension (LxWxH)
Cardboard Box
73 x 73 x 53mm
Packaging Quantity
1 pcs
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit written
consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
L-3
REV.: 0/2015
www.recom-power.com
INSTALLATION
L
N
-
+
L
N
+ -
LED driver
max. 10 LED drivers
Notes:
Note2: To set the basic brightness, set the actuating button to the left stop minimum brightness). Now use a screw driver to set the desired basic brightness
on the potentiometer. Persuant to EN60699-2-1 the basic value should be set in such a way that the light visibly glows over the entire load range (at
nominal voltage -10%) when it’s set to dark position.
Note3: Dimmer designed for RACT20.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com