Electronic Components Datasheet Search
  English  ▼

X  

ADG604 Datasheet(PDF) 8 Page - Analog Devices

Part # ADG604
Description  1 pC Charge Injection, 100 pA Leakage CMOS 짹5 V/5 V/3 V 4-Channel Multiplexer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG604 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADG604 Datasheet HTML 4Page - Analog Devices ADG604 Datasheet HTML 5Page - Analog Devices ADG604 Datasheet HTML 6Page - Analog Devices ADG604 Datasheet HTML 7Page - Analog Devices ADG604 Datasheet HTML 8Page - Analog Devices ADG604 Datasheet HTML 9Page - Analog Devices ADG604 Datasheet HTML 10Page - Analog Devices ADG604 Datasheet HTML 11Page - Analog Devices ADG604 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
REV. 0
ADG604
–8–
VDD = 3V
VSS = 0V
–2.0
–1.5
–1.0
0
0.5
1.0
VS – V
–5
TA = 25 C
–4
–3
–2
–1
012345
VDD = +5V
VSS = –5V
VDD = +5V
VSS = 0V
–0.5
TPC 7. Charge Injection vs. Source Voltage
0
20
40
80
120
160
TEMPERATURE – C
–40
–20
0
20
40
60
80
100
120
60
140
100
VDD = 5V
VSS = 0V
VDD = +5V
VSS = –5V
VDD = +5V
VSS = –5V
tON
tOFF
VDD = 5V
VSS = 0V
TPC 8. tON/tOFF Times vs. Temperature
–90
–80
–70
–60
–50
–40
–20
0
FREQUENCY – MHz
0.3
1
10
100
1000
–30
–10
TA = 25 C
VDD = +5V
VSS = 0V
VDD = +5V
VSS = –5V
TPC 9. Off Isolation vs. Frequency
–90
–80
–70
–60
–50
–40
–20
0
FREQUENCY – MHz
0.3
1
10
100
1000
–30
–10
TA = 25 C
VDD = +5V
VSS = 0V
VDD = +5V
VSS = –5V
TPC 10. Crosstalk vs. Frequency
–18
–16
–14
–12
–10
–8
–4
0
FREQUENCY – MHz
0.3
1
10
100
1000
–6
–2
TA = 25 C
VDD = +5V
VSS = 0V
VDD = +5V
VSS = –5V
TPC 11. On Response vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com