Electronic Components Datasheet Search
  English  ▼

X  

ADG604 Datasheet(PDF) 9 Page - Analog Devices

Part # ADG604
Description  1 pC Charge Injection, 100 pA Leakage CMOS 짹5 V/5 V/3 V 4-Channel Multiplexer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG604 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADG604 Datasheet HTML 4Page - Analog Devices ADG604 Datasheet HTML 5Page - Analog Devices ADG604 Datasheet HTML 6Page - Analog Devices ADG604 Datasheet HTML 7Page - Analog Devices ADG604 Datasheet HTML 8Page - Analog Devices ADG604 Datasheet HTML 9Page - Analog Devices ADG604 Datasheet HTML 10Page - Analog Devices ADG604 Datasheet HTML 11Page - Analog Devices ADG604 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
REV. 0
–9–
ADG604
Test Circuits
IDS
V1
SD
RON = V1/IDS
VS
Test Circuit 1. On Resistance
SD
VS
A
A
VD
IS (OFF)
ID (OFF)
Test Circuit 2. Off Leakage
SD
A
VD
ID (ON)
NC
Test Circuit 3. On Leakage
VS
VDD
VDD
EN
A0
A1
+2.4V
0.1 F
S1
VSS
GND
D
VSS
VS1
VOUT
RL
300
CL
35pF
S2
0.1 F
50%
50%
90%
90%
ADDRESS
DRIVE (VIN)
VOUT
tTRANSITION
0V
3V
tTRANSITION
S3
S4
VS2
Test Circuit 4. Switching Time of Multiplexer, tTRANSITION
tBBM
80%
80%
ADDRESS
DRIVE (VIN)
VOUT
0V
3V
VS
VDD
VDD
EN
A0
A1
+2.4V
0.1 F
S1
VSS
GND
D
VSS
VS
VOUT
RL
300
CL
35pF
S2
0.1 F
S3
S4
50
Test Circuit 5. Break-Before-Make Delay, tBBM
VDD
VDD
EN
A1
A0
0.1 F
S1
VSS
GND
D
VSS
VS
VOUT
RL
300
CL
35pF
S2
0.1 F
VS
50
S3
S4
50%
50%
0.9V0
0.9V0
ENABLE
DRIVE (VIN)
OUTPUT
tON(EN)
0V
3V
tOFF(EN)
V0
0V
Test Circuit 6. Enable Delay, tON (EN), tOFF (EN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com