Electronic Components Datasheet Search
  English  ▼

X  

ADP3500 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ADP3500
Description  CDMA Power Management System
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADP3500 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ADP3500 Datasheet HTML 3Page - List of Unclassifed Manufacturers ADP3500 Datasheet HTML 4Page - List of Unclassifed Manufacturers ADP3500 Datasheet HTML 5Page - List of Unclassifed Manufacturers ADP3500 Datasheet HTML 6Page - List of Unclassifed Manufacturers ADP3500 Datasheet HTML 7Page - List of Unclassifed Manufacturers ADP3500 Datasheet HTML 8Page - List of Unclassifed Manufacturers ADP3500 Datasheet HTML 9Page - List of Unclassifed Manufacturers ADP3500 Datasheet HTML 10Page - List of Unclassifed Manufacturers ADP3500 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
ADP3500
REV.PrP 2/6/02
- 7 -
LOGICS
DC Specifications
TA =25°C, CVBAT=1µF MLCC, VBAT = 3.6 V
Parameter
Symbol
Conditions
Min
Typ
Max
Units
CS, CLKIN, RESETIN-, TCXO_ON, SLEEP-,
KEYPADROW (Internal 10K
Ω pull-up)
Input High Voltage
Input Low Voltage
Hysteresis
GPIO, DATA
Input High Voltage
Input Low Voltage
Hysteresis
Output High Voltage
Output Low Voltage
INT-
Output High Voltage
Output Low Voltage
BLIGHT (Open Drain Output)
Output Low Voltage
KEYPADCOL (Open Drain Output)
Output Low Voltage
VIH
VIL
VIH
VIL
VOH
VOL
VOH
VOL
VOL
VOL
IOH=400
µA
IOL=-1.8mA
IOH=400
µA
IOL=-1.8mA
IOL=-100mA
IOL=-1.8mA
2.25
2.25
2.69
2.69
470
470
0.5
0.5
0.28
0.28
0.4
0.15
V
V
mV
V
V
V
mV
V
V
V
V
V
V
PWRONKEY-, OPT1 (Internal 140K
Ω Pull-up)
Input High Voltage
Input Low Voltage
Hysteresis
OPT2- (Input/Open Drain Output)
Input High Voltage
Input Low Voltage
Hysteresis
Output Low Voltage
OPT3
Input High Voltage
Input Low Voltage
Hysteresis
VIH
VIL
Vhys
VIH
VIL
Vhys
VOL
VIH
VIL
Vhys
IOL=-1.8mA
0.8xVBAT
0.8xVBAT
0.7xVBAT
950
950
300
0.2xVBAT
0.2xVBAT
0.1xVBAT
0.2xVBAT
V
V
mV
V
V
mV
V
V
V
mV
32KOUT
Output High Voltage
Output Low Voltage
VOH
VOL
IOH=400
µA
IOL=-1.8mA
0.9xRTCV
0.1xRTCV
V
V
RESET+ (Open Drain Output)
Output Low Voltage
OFF Leak
RSTDELAY-, RESETOUT- (Open Drain Output)
Output Low Voltage
VOL
OFFLEAK
VOL
IOL=-1.8mA
IOL=-1.8mA
0.005
0.1xRTCV
1
0.1xRTCV
V
µA
V
BATID (Internal 100K
Ω pull-up)
Input High Voltage
Input Low Voltage
Hysteresis
VIH
VIL
VADP=5 to 12V
0.8xVADP
0.16 x
VADP
0.2xVADP
V
V
V
Supply Current of RTCV
IOSC
RTCV=3V,
VBAT=0V
All logic: No load.
1
µA
VADP: Adapter voltage
AC Specifications
All specs include temperature unless otherwise noted
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Operational Supply Range
RTCV
2
3.1*
V
Oscillator Frequency
FCLK
32.768
KHz
Start-up Time (note)
tSTART
RTCV=0V to 3V
100
200
mS
Frequency deviation
fDEV
RTCV=2 to 3V
TBD
PRELIMINARY TECHNICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com