Electronic Components Datasheet Search
  English  ▼

X  

ADP3500 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # ADP3500
Description  CDMA Power Management System
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADP3500 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button ADP3500 Datasheet HTML 13Page - List of Unclassifed Manufacturers ADP3500 Datasheet HTML 14Page - List of Unclassifed Manufacturers ADP3500 Datasheet HTML 15Page - List of Unclassifed Manufacturers ADP3500 Datasheet HTML 16Page - List of Unclassifed Manufacturers ADP3500 Datasheet HTML 17Page - List of Unclassifed Manufacturers ADP3500 Datasheet HTML 18Page - List of Unclassifed Manufacturers ADP3500 Datasheet HTML 19Page - List of Unclassifed Manufacturers ADP3500 Datasheet HTML 20Page - List of Unclassifed Manufacturers ADP3500 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
ADP3500
REV.PrP 2/6/02
- 17 -
CS
CLKIN
DATA
KEYPADROW
KEYPADCOL
GPIO[3:0]
RESETIN_N
32K OSC
OSCIN
OSCOUT
RSTDELAY_N
RESETOUT_N
RESET
PWRONKEY_N
OPT2_N
OPT3
chager_detect
voltage_detect
rtc_clk32k
INT_N
DELAY
10mS
keypad_int
TEST
4
4
6
clk32k
voltage detect_delay
power_on
TCXO_ON
test_mode
[VBAT]
write_data[7:0]
write_enable
sp_addr[4:0]
clk512
SLEEP_N
test_ldoenable
BLIGHT
DGND
batid
Analog
Blocks
LDO control register
pwronkey_n_sync,
opt1_n_sync,
opt3_sync
Interrupt
register
block
LED control
Analog block
KEY PAD
I/F
BL
GPIO
OPT1_N
Serial
I/F
Data
select
resetin_n
(reset for registers)
rtc_resetin_n
analog block
LDO
Control
32K CLK
output
control
32K OUT
RTC register block
clk1k
rtc_voltage_detect
rtc_voltage_detect
[RTCV]
reset output
control
SYNC.
RTC
Output data
select
Address
decode
Test mode
register
block
Stay-Alive
Timer
DATA
IN
POWER
OFF
INT
control
register
(reset & mask)
KEY PAD
I/F control
GPIO
control
Analog
control
registers
rtc_test
SYNC.
SYNC.
Figure 8. LOGIC block diagram
2.1 RESET
2.1.1 RESETIN- signal
The internal reset function is activated by external reset input, RESETIN-, and this is an asynchronous signal. The internal
reset signal is used in the following blocks.
• Serial I/F
• Interrupt control
• Stay-Alive timer
• Registers (refer to the Register section for detail).
LDOs, controlled by Serial I/F, are applied “RESET” by RESETIN-. LDO4, LDO5, LDO7, LDO8, LDO9, LDO10, LDO11
and REF0 are set to “0”. In case RESETIN- has noise, the internal circuit may be in reset and cause the system unexpected
result. Please take enough treatment. RESETIN- is level translated from LDO1 to both VBAT and RTCV supplies.
PRELIMINARY TECHNICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com