Electronic Components Datasheet Search
  English  ▼

X  

CAP202 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # CAP202
Description  KILOVAC High Voltage DC Contactors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

CAP202 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  CAP202 Datasheet HTML 1Page - TE Connectivity Ltd CAP202 Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
7–15
KILOVAC CAP202 Series 12-900Vdc Contactors
KILOVAC High Voltage DC Contactors
7
For factory-direct application assistance,
dial 800-253-4560, ext. 2055, or
805-220-2055.
Catalog 5-1773450-5
Dimensions are shown for
Dimensions are in millimeters
USA: +1 800 522 6752
For additional support numbers
Revised 3-13
reference purposes only.
unless otherwise specified.
Asia Pacific: +86 0 400 820 6015
please visit www.te.com
Specifications subject
UK: +44 800 267 666
www.te.com
to change.
Ordering Information
Typical Part Number
CAP202 MS B F D
Series:
CAP202 = 2 form X, DPST-N0-DM Contactor
Auxiliary Contact Outputs (SPDT form C):
A = None
M = Two
F = Four
Coil Voltage:
S = 28V (with built-in electronically switched dual
coil economizer)
Coil and Aux. Wire Length:
A = 15.3 inches
B = 6 inches
X = Customer Special
Coil and Aux. Connector:
N = None
F = D Plug on flying leads (may affect wire length)
Mounting & Power Terminals:
D = 2X M5 Bottom Mount with 4X, M6 x 1 Female thread
terminals
Specifications are subject to change without notice.
Coil Data (-40 to +85˚C temp range unless otherwise noted)
Voltage/Nominal Max.
28-32VDC
Pickup Voltage Max.
16VDC
Inrush Current @ 28 Vdc nominal/@32V maximum
3.4/6.0A
Inrush Time (nominal/maximum)
75/150mS
Hold Current @28V nominal / @32V maximum
0.27/0.48A
Drop Out Voltage
3 to 8Vdc
Internal Coil Suppression (max.)
60Vdc
Main Contacts: Operate Time, nominal/maximum
13/20mS
Main Contacts: Operate Bounce, nominal/maximum
3/10mS
Main Contacts: Release Time, nominal/maximum
25mS
Main Contacts: Release Time, maximum including
Maximum arc time
7/12mS
Outline Dimensions*
AUXILIARY CONTACT LEADS
COIL LEADS
WHITE = AUXILIARY CONTACT
(WHEN ORDERED)
BLACK = – COIL
RED = + COIL
SEE COIL WIRE
LENGTH IN P/N
STAINLESS
2.85
± .025
(72.3
± .63)
.5
± .01
(12.6
± .26)
2.05
± .02
(52
± .51)
2.45
± .02
(62.23
± .51)
.55
± .025
(14.04
± .63)
2.20
± .025
(55.81
± .63)
2.04
± .02 DIA
(51.94
± .51)
3.17
± .01
(80.48
± .26)
2.29
± .02 DIA
(58.19
± .51)
1.05
± .01
(26.67
± .26)
1.65
± .01
(42.0
± .26)
2.688
± .01
(68.28
± .26)
A1 "+" POSITIVE TERMINAL
A2 "–" NEGATIVE TERMINAL
.225
± .01DIA
(5.72
± .26)
M8 x 1.25 POWER TERMINALS
(HARDWARE SUPPLIED):
2 X M8 WASHER, STAINLESS
2 X M8 LOCKWASHER – SPLIT RING, STAINLESS
2 X M8 x 1.25 NUT, STAINLESS
TORQUE 80 TO 100 IN-LB (8.8 TO 11 NM)
MOUNTING HARDWARE (NOT SUPPLIED):
2 X M5 BOLT
2 X M5 LOCKWASHER
2 X M5 NARROW WASHER
TORQUE 15 TO 30 IN-LB (1.7 TO 3.3 NM)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com