Electronic Components Datasheet Search
  English  ▼

X  

CAP202 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # CAP202
Description  KILOVAC High Voltage DC Contactors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

CAP202 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  CAP202 Datasheet HTML 1Page - TE Connectivity Ltd CAP202 Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
7–14
KILOVAC High Voltage DC Contactors
For factory-direct application assistance,
dial 800-253-4560, ext. 2055, or
805-220-2055.
Catalog 5-1773450-5
Dimensions are shown for
Dimensions are in millimeters
USA: +1 800 522 6752
For additional support numbers
Revised 3-13
reference purposes only.
unless otherwise specified.
Asia Pacific: +86 0 400 820 6015
please visit www.te.com
Specifications subject
UK: +44 800 267 666
www.te.com
to change.
KILOVAC CAP202 Series Aerospace Commercial Contactor with 2 Form X
(DPST-NO), Contacts Rated up to 300 Amps, 12-600 Vdc
Product Facts
n Hermetically sealed
n Up to 4X SPDT auxiliary
switch outputs: 30 Vdc/2A
max switching or 6V/5mA
min. signal
n Integrated coil economizer
with coil suppression
n EMC compliant - no radiated
coil emission
n Bidirectional switching -
main contacts not polarity
sensitive
n Mount in any orientation -
not position sensitive
Description
2-pole single throw hermeti-
cally sealed DC contactor;
12-900 Vdc/350A per pole
Not position sensitive
Bi-directional switching
Applications
High Voltage DC Converter
Systems (ref schematic
below)
Test Equipment
Power Distribution
Power Motion Control
Electrical
Compact epoxy-sealed
resin enclosure occupies
only about 4 in3 (65.5 cm3)
Contact arrangement:
DPST-No (2 form X)
Voltage rating: 12-900 Vdc
(main contacts); 30 Vdc
(auxiliary)
Mechanical life: 100,000
cycles
Physical or Other Properties
Weight: 0.79 Kg
Hermetically sealed
Safe for harsh/corrosive
environments
No contacts oxidation over
periods on non-use
Number of SPDT Auxiliary
Contacts per Contactor Type:
CAP202AS — None
CAP202MS — Two
CAP202FS — Four
Performance Data
Physical Data
Contact Arrangement —
Power Contacts — DPST-NO (2 Form X)
Auxiliary Switches — SPDT (form C)
Dimensions — See drawings on next
page
Weight — 0.79 Kg (1.74 lb.)
Electrical Data
Voltage Rating —
Main Contacts — 12-900Vdc
Auxiliary Catacts — 30VdC
Current Rating —
Main Contacts1 — 350A/pole
Auxiliary Catacts — 3A
Contact Resistance —
Main Contacts — (2)
100 m
Ω max @ 1 amp
0.3 m
Ω max. @ 200A after 3 mins.
Auxiliary Catacts — 200 m
Ω max
Hot Switching Performance @
± 400 Vdc (3) —
100A make/break — 10,000 cycles
250A make/break — 2,500 cycles
700A break only — 10 cycles
Hot Switching Performance @
± 270 Vdc (4) —
100A make/break — 40,000 cycles
250A make/break — 7,500 cycles
2000A break only @ ±370Vdc (5) —
2 cycles
Maximum Make Current — 700A
Dielectric Withstand Voltage over
Life — Terminal to Terminal/Terminals
to Coil — 1mA max @ 2,200Vrms
Insulation Resistance over Life
— Terminal to Terminal/Terminals to
Coil — 50m
Ω min @ 500Vdc
Mechanical Life — 100,000 cycles
Environmental Data
Shock, 11ms 1/2 sine (operating)
— 20G peak
Sine Vibration, 10G peak —
55-2,000 Hz.
Random Vibration, 14 Grms —
15
100
300
900
2000 Hz
.01
.01
.2
.2
.01 G2/Hz
Operating Temperature Range —
-55°C to +85°C
Notes:
1 Using 4/0 conductor. Current rating
is affected by attached conductor
size and design. Keep terminals
below 150˚C max. continuous,
175˚C for 2 hours max. and 200˚C
for 1 minute max. For mounting
large conductors, request terminal
adapter PN 3-1618396-7.
2 Operational contact resistance is
measured by millivolt drop across
contacts a > 100A current. Initial
contact resistance may be higher
than 0.3m
Ω, but will drop below
within 30 mins. max.
3 Voltage applied to each contact set
separately.
4 Voltage applied across both con-
tact sets in series.
5 May not pass 2,200 Vrms dielectric
testing after second interrupt cycle.
+
+
DPST-NO
CAP202 Contactor
270Vdc
Supply
270Vdc
Supply
270Vdc
Return
270Vdc
Components
270Vdc
Components
540Vdc
Components


Similar Part No. - CAP202

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CAP200 MACOM-CAP200 Datasheet
109Kb / 2P
CAP200 Series Contactor With 1 Form A (SPST-NO) Contacts Rated up to 500 Amps, 12-900VDC
logo
TE Connectivity Ltd
CAP200 TEC-CAP200 Datasheet
268Kb / 2P
KILOVAC High Voltage DC Contactors
logo
Tyco Electronics
CAP200AAAEA MACOM-CAP200AAAEA Datasheet
109Kb / 2P
CAP200 Series Contactor With 1 Form A (SPST-NO) Contacts Rated up to 500 Amps, 12-900VDC
CAP200AAAEC MACOM-CAP200AAAEC Datasheet
109Kb / 2P
CAP200 Series Contactor With 1 Form A (SPST-NO) Contacts Rated up to 500 Amps, 12-900VDC
CAP200AAAFA MACOM-CAP200AAAFA Datasheet
109Kb / 2P
CAP200 Series Contactor With 1 Form A (SPST-NO) Contacts Rated up to 500 Amps, 12-900VDC
More results

Similar Description - CAP202

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
MAP200 TEC-MAP200 Datasheet
249Kb / 2P
KILOVAC High Voltage DC Contactors
EV200B TEC-EV200B Datasheet
239Kb / 2P
KILOVAC High Voltage DC Contactors
CAP200 TEC-CAP200 Datasheet
268Kb / 2P
KILOVAC High Voltage DC Contactors
K40P TEC-K40P Datasheet
203Kb / 1P
KILOVAC High Voltage Relays
K43 TEC-K43 Datasheet
295Kb / 2P
KILOVAC High Voltage Relays
K64 TEC-K64 Datasheet
211Kb / 1P
KILOVAC High Voltage Relays
K70 TEC-K70 Datasheet
157Kb / 1P
KILOVAC High Voltage Relays
K81A TEC-K81A Datasheet
389Kb / 2P
KILOVAC High Voltage Relays
AP150X TEC-AP150X Datasheet
404Kb / 1P
KILOVAC 270 Vdc Traditional Aerospace Contactors
2373271-1 TEC-2373271-1 Datasheet
144Kb / 4P
KILOVAC K250 HIGH VOLTAGE DC CONTACTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com