Electronic Components Datasheet Search
  English  ▼

X  

CFR Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # CFR
Description  Carbon film fixed Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

CFR Datasheet(HTML) 3 Page - TE Connectivity Ltd

  CFR Datasheet HTML 1Page - TE Connectivity Ltd CFR Datasheet HTML 2Page - TE Connectivity Ltd CFR Datasheet HTML 3Page - TE Connectivity Ltd CFR Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Carbon film fixed Resistors
1773195 CIS WR 08/2015
Dimensions in
millimetres unless
otherwise specified
Dimensions Shown for
reference purposes only.
Specifications subject to
change
For Email, phone or live chat,
go to: www.te.com/help
Marking
Resistors are marked with a four colour band code in accordance with IEC 62 on a
beige base colour
Color
1st
Figure
2nd
Figure
Multiplier
Tolerance
Letter
Percent
Black
0
0
1
Brown
1
1
10
F
±1%
Red
2
2
100
G
±2%
Orange
3
3
1,000
Yellow
4
4
10,000
Green
5
5
100,000
D
±0.5%
Blue
6
6
1,000,000
C
±0.25%
Violet
7
7
10,000,000
B
±0.1%
Grey
8
8
100,000,000
White
9
9
1,000,000,000
Gold
0.1
J
±5%
Silver
0.01
K
±10%
None
M
±20%
Mounting
The resistors are suitable for processing on automatic insertion equipment and
cutting and bending machines.
Packaging
Carbon film resistors are normally supplied taped in 'ammo' boxes. Other styles may
be supplied on request. All tape specifications are in accordance with IEC 286-1.
Type
Box Quantity
Std. Tape Spacing
Component Spacing
CFR16
5000
52
5
CFR25
4000
52
5
CFR50
3000
52
5
CFR100
1000
52
10
CFR200
1000
64
10



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com