Electronic Components Datasheet Search
  English  ▼

X  

CFR Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # CFR
Description  Carbon film fixed Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

CFR Datasheet(HTML) 4 Page - TE Connectivity Ltd

  CFR Datasheet HTML 1Page - TE Connectivity Ltd CFR Datasheet HTML 2Page - TE Connectivity Ltd CFR Datasheet HTML 3Page - TE Connectivity Ltd CFR Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Carbon film fixed Resistors
1773195 CIS WR 08/2015
Dimensions in
millimetres unless
otherwise specified
Dimensions Shown for
reference purposes only.
Specifications subject to
change
For Email, phone or live chat,
go to: www.te.com/help
Performance Characteristics
Ref QC 400 000 and QC 400 100
Test Ref
Long term tests ±(5% +0.1Ω)
4.23
Climatic Sequence
4.24
Damp heat, steady state
4.25.1
Endurance @ 70°C
4.25.3
Endurance @ 155°C
Test Ref.
Short term Tests ±(1% +0.05Ω)
4.13
Overload
4.16
Robustness of terminations
4.18
Resistance to soldering heat
4.19
Rapid change of temperature
4.22
Vibration
How To Order
CFR
16
J
100R
Common Part
Size
Tolerance
Value
CFR – Carbon Film
Resistor
16 – 0.25W
25 – 0.33W
50 – 0.50W
100 – 1.00W
200 – 2.00W
G – 2%
J – 5%
1Ω - 1R0
1KΩ (1,000Ω) - 1K0
100KΩ(100,000Ω) – 100K
1MΩ(1,000,000Ω) – 1M0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com