Electronic Components Datasheet Search
  English  ▼

X  

UTCPC1366 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UTCPC1366
Description  LINEAR INTEGRATED CIRCUIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCPC1366 Datasheet(HTML) 3 Page - Unisonic Technologies

  UTCPC1366 Datasheet HTML 1Page - Unisonic Technologies UTCPC1366 Datasheet HTML 2Page - Unisonic Technologies UTCPC1366 Datasheet HTML 3Page - Unisonic Technologies UTCPC1366 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UTCPC1366 LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD. 3
QW-R111-003,A
APPLICATION CIRCUIT
RF
AGC
IF
AGC
Noise
reduction
IF amplifier
Video Amplifier
7
6
5
4
3
2
1
8
9
10
11
12
13
14
Detector
coil
150
Ω
222
µF
Input
56
Ω
220
Ω
0.01
µF
12pF
Video
output
Audio IF
output
+B 12V
RF?AGC voltage
( to tuner )
Note(Pin 2 GND to have peak AGC)
saw
filter
TEST CIRCUIT
5
6
4
2
12
7
3
8
9
11
1
14
13
10
M
V
A
Detector
coil
600
Ω
22pF
Video
output
100
Ω
1k
Ω
IDS
AB
SW3
Vcc 12V
150
Ω
0.01
µF
AB
AGC
10k
Ω
1k
Ω
0.22
µF
0.01
µF
B
A
47
µF
UTC PC1366
38MHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com