Electronic Components Datasheet Search
  English  ▼

X  

UTCPC1366 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UTCPC1366
Description  LINEAR INTEGRATED CIRCUIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCPC1366 Datasheet(HTML) 4 Page - Unisonic Technologies

  UTCPC1366 Datasheet HTML 1Page - Unisonic Technologies UTCPC1366 Datasheet HTML 2Page - Unisonic Technologies UTCPC1366 Datasheet HTML 3Page - Unisonic Technologies UTCPC1366 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
UTCPC1366 LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD. 4
QW-R111-003,A
TYPICAL PERFORMANCE CHARACTERISTICS
0
5
10
15
20
0
10
20
30
40
50
60
70
80
Power supply
voltage(Vcc)
Input sensitivity curve
0.01
0.1
1.0
10.0
100.0
-15
-10
-5
0
Frequency
(MHz)
Video detector output attenuation vs
frequency
0
20
40
60
80
100
10
20
30
40
50
60
Input voltage
Vi(dBu)
S/N vs input voltage
04
812
16
20
0
0.4
0.8
1.2
1.6
2.0
Video detector output vs
power supply voltage
Power supply voltage Vcc(V)
fp=38MHz,fm=400MHz
MOD=80%,Ra=150
Ω
fp=38MHz,fm=400MHz
MOD=80%-0%,
Vi=3mVrms, Ra=150
Ω
fp=38MHz,fm=400MHz
MOD=80%,Ra=150
Ω
fp=38MHz
MOD=40%
Vi=3mVrms
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com