Electronic Components Datasheet Search
  English  ▼

X  

LMC272 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC272
Description  CMOS Dual Low Cost Rail to Rail Output Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC272 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMC272 Datasheet HTML 1Page - National Semiconductor (TI) LMC272 Datasheet HTML 2Page - National Semiconductor (TI) LMC272 Datasheet HTML 3Page - National Semiconductor (TI) LMC272 Datasheet HTML 4Page - National Semiconductor (TI) LMC272 Datasheet HTML 5Page - National Semiconductor (TI) LMC272 Datasheet HTML 6Page - National Semiconductor (TI) LMC272 Datasheet HTML 7Page - National Semiconductor (TI) LMC272 Datasheet HTML 8Page - National Semiconductor (TI) LMC272 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LMC272
CMOS Dual Low Cost Rail to Rail Output Operational
Amplifier
General Description
The LMC272 is a CMOS dual operational amplifier with
rail-to-rail output swing and an input common voltage range
that extends below the negative supply. Other performance
characteristics include low voltage operation, low bias cur-
rent, excellent channel-to-channel isolation, good bandwidth
performance and a competitive price.
These devices are available in MSOP package which is
about half the size of a SO-8 device. This enables the de-
signer to fit the device in extremely small applications.
The LMC272C is a direct replacement for TLC272C with per-
formance which meets or exceeds the TLC272C’s guaran-
teed limits in the commercial temperature range when oper-
ating from a supply of 2.7V to 15V (see Electrical
Characteristics table for details).
These features make this cost effective device ideal for new
designs as well as for upgrading existing designs. Applica-
tions include hand-held analytic instruments, transducer am-
plifiers, sample and hold circuits, etc.
Features
(Typical unless otherwise noted) V
S = 5V, TA = 25˚C
n Output Swing to within 60 mV of supply rail (10 k
Ω load)
n High voltage gain:
90 dB
n Unity gain-bandwidth:
2.0 MHz
n Wide supply voltage:
2.7V to 15V
n Characterized for:
2.7V, 5V, 10V
n Low supply current:
0.975 mA/amplifier
n Input voltage range:
−0.3V to 4.2V
Applications
n Portable instruments
n Upgrade for TLC272C and TS272C
n Photodetector preamplifiers
n D/A converters
n Filters
Connection Diagram
Ordering Information
Package
Ordering
NSC Drawing
Package
Supplied as
Information
Number
Marking
8-pin Molded DIP
LMC272CN
N08E
LMC272CN
Rails
8-pin SO-8
LMC272CM
M08A
LMC272CM
Rails
LMC272CMX
M08A
LMC272CM
2.5k Tape and Reel
MSOP
LMC272CMM
MUA08A
A07
Rails
LMC272CMMX
MUA08A
A07
3k Tape and Reel
DS012867-1
Top View
December 1996
© 1999 National Semiconductor Corporation
DS012867
www.national.com


Similar Part No. - LMC272

ManufacturerPart #DatasheetDescription
logo
Black Box Registered Tr...
LMC200 BLACKBOX-LMC200 Datasheet
634Kb / 6P
FlexPoint Modular Media Converters
05/14/2010
LMC200-2PS BLACKBOX-LMC200-2PS Datasheet
634Kb / 6P
FlexPoint Modular Media Converters
05/14/2010
logo
National Semiconductor ...
LMC2001 NSC-LMC2001 Datasheet
430Kb / 11P
High Precision, 6MHz Rail-To-Rail Output Operational Amplifier
logo
Texas Instruments
LMC2001 TI1-LMC2001 Datasheet
655Kb / 15P
High Precision, 6MHz Rail-To-Rail Output Operational Amplifier
logo
National Semiconductor ...
LMC2001ACM5 NSC-LMC2001ACM5 Datasheet
430Kb / 11P
High Precision, 6MHz Rail-To-Rail Output Operational Amplifier
More results

Similar Description - LMC272

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS912 STMICROELECTRONICS-TS912 Datasheet
102Kb / 12P
RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER
Apr-1999
logo
Advanced Linear Devices
ALD2704 ALD-ALD2704 Datasheet
52Kb / 6P
DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
Analog Devices
AD8692 AD-AD8692 Datasheet
277Kb / 12P
Low Cost, High Performance, CMOS Rail-to-Rail Output Operational Amplifier
10/04-Revision 0
AD8691 AD-AD8691 Datasheet
477Kb / 12P
Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
3/05-Rev. A to Rev. B
logo
STMicroelectronics
TS912 STMICROELECTRONICS-TS912_06 Datasheet
217Kb / 19P
Rail-to-Rail CMOS Dual Operational Amplifier
Feb-2006
logo
Analog Devices
AD8691 AD-AD8691_07 Datasheet
433Kb / 12P
Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
REV. C
logo
STMicroelectronics
TS912 STMICROELECTRONICS-TS912_07 Datasheet
205Kb / 18P
Rail-to-rail CMOS dual operational amplifier
16-Oct-2007
logo
New Japan Radio
NJU7029 NJRC-NJU7029 Datasheet
550Kb / 13P
Low Noise, Rail-to-Rail Output Dual CMOS Operational Amplifier
logo
Advanced Linear Devices
ALD2704 ALD-ALD2704_10 Datasheet
83Kb / 9P
DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS912B STMICROELECTRONICS-TS912B Datasheet
1Mb / 21P
Rail-to-rail CMOS dual operational amplifier
06-Nov-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com