Electronic Components Datasheet Search
  English  ▼

X  

LMC272 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC272
Description  CMOS Dual Low Cost Rail to Rail Output Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC272 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LMC272 Datasheet HTML 8Page - National Semiconductor (TI) LMC272 Datasheet HTML 9Page - National Semiconductor (TI) LMC272 Datasheet HTML 10Page - National Semiconductor (TI) LMC272 Datasheet HTML 11Page - National Semiconductor (TI) LMC272 Datasheet HTML 12Page - National Semiconductor (TI) LMC272 Datasheet HTML 13Page - National Semiconductor (TI) LMC272 Datasheet HTML 14Page - National Semiconductor (TI) LMC272 Datasheet HTML 15Page - National Semiconductor (TI) LMC272 Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Typical Performance Characteristics (V
S = +5V, single supply, TA = 25˚C, and RL to ground unless
otherwise specified) (Continued)
Application Information
It is generally difficult to find already existing solutions in the
market which are single supply and low noise. The circuit
above is a low noise single supply preamp using the
LMC272. It utilizes the feature of input common mode volt-
age range to ground to achieve zero-volt-in zero-volt-out
performance and uses the RR output swing to achieve maxi-
mum dynamic range. By introducing a differential pair oper-
ating at high bias current as the front end, the equivalent in-
put noise voltage, e
n, is reduced. The gain is 1 + R5/R6
which is a 1000 in this case. There is an inherent trade off
between noise voltage and power consumption, input bias
current, and input noise current. Input equivalent noise cur-
rent is inconsequential if the source impedance is small. R1
can be adjusted to vary bias current. To avoid saturation, R3
and R4 should be set such that Q1 and Q3 collector voltages
do not exceed 0.5V.
Table 1 shows typical noise data for two
different R1 settings:
Stability vs Capacitive Load
DS012867-36
Stability vs Capacitive Load
DS012867-37
Low Noise Single Supply Preamp
DS012867-2
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com