Electronic Components Datasheet Search
  English  ▼

X  

AT43USB370E-AC Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT43USB370E-AC
Description  USB 2.0 Full-Speed Host/Function Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB370E-AC Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT43USB370E-AC Datasheet HTML 5Page - ATMEL Corporation AT43USB370E-AC Datasheet HTML 6Page - ATMEL Corporation AT43USB370E-AC Datasheet HTML 7Page - ATMEL Corporation AT43USB370E-AC Datasheet HTML 8Page - ATMEL Corporation AT43USB370E-AC Datasheet HTML 9Page - ATMEL Corporation AT43USB370E-AC Datasheet HTML 10Page - ATMEL Corporation AT43USB370E-AC Datasheet HTML 11Page - ATMEL Corporation AT43USB370E-AC Datasheet HTML 12Page - ATMEL Corporation AT43USB370E-AC Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
9
AT43USB370
3340B–USB–12/03
Reset
The reset signal to the AT43USB370 is active low. On reset, both the USBC and SIC are ini-
tialized and the System Processor Interface Registers are restored to their default values.
Figure 4 shows the Reset timing diagram. For Reset timing, see Table 5 on page 47.
Figure 4. Reset Timing
Power Supply
The AT43USB370 requires an external supply of 3.3 V and 1.8 V.
Firmware
Download
Mechanism
The AT43USB370 provides an in-system programming of the USBC and the SIC through the
external system processor. Programming requires SELECT, PROG, READY and DONE con-
trol signals. These control I/Os are dedicated to in-system firmware download and are not
used during normal operation.
The firmware is downloaded in the program memories (SRAM) of the internal controllers after
power-up or reset. The SELECT signal is used to select the USBC or the SIC for program-
ming. The PROG signal is used to mark the start and end of firmware download. The READY
and DONE signals are used for handshaking during successive programming write cycles.
The programming sequence of an internal controller is described as follows:
1.
One of the controllers is selected using the SELECT pin of the AT43USB370. Logic low
selects the USBC and logic high selects the SIC. The order of programming of the con-
trollers is immaterial. Any of the controllers can be programmed first.
2.
The PROG pin is asserted high by the system processor to indicate the start of
programming.
3.
The system processor writes to a dummy address (anywhere in the AT43USB370
addressable space of the memory mapping) to assert CS_N and WE_N to
AT43USB370.
4.
The system processor writes the 32-bit program word on the data bus.
5.
The system processor waits for READY to be asserted high by the AT43USB370.
6.
AT43USB370 asserts READY logic high to signal to the system processor that the
32-bit data word has been written to the program memory of the selected controller.
7.
The system processor asserts the DONE signal high after detecting logic high on
READY
8.
AT43USB370 asserts READY logic low.
9.
The system processor asserts logic low on DONE.
10. This completes one 32-bit write cycle of the controller's programming. Steps 2 to 8
repeated until the entire firmware is downloaded in the program memory of the
selected controller.
11. Step 1 is then repeated to select the remaining controller. Step 2 to 9 are repeated to
program the remaining controller.
12. The PROG is de-asserted by the system processor once the firmware download is
complete. This signals an end of in-system programming of the AT43USB370.
The 32-bit word written by the system processor to its system bus must conform to the follow-
ing format:
•
Bits15:0: Address of the instruction
t
R
RESET_N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com