Electronic Components Datasheet Search
  English  ▼

X  

AT43USB370E-AC Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT43USB370E-AC
Description  USB 2.0 Full-Speed Host/Function Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB370E-AC Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT43USB370E-AC Datasheet HTML 17Page - ATMEL Corporation AT43USB370E-AC Datasheet HTML 18Page - ATMEL Corporation AT43USB370E-AC Datasheet HTML 19Page - ATMEL Corporation AT43USB370E-AC Datasheet HTML 20Page - ATMEL Corporation AT43USB370E-AC Datasheet HTML 21Page - ATMEL Corporation AT43USB370E-AC Datasheet HTML 22Page - ATMEL Corporation AT43USB370E-AC Datasheet HTML 23Page - ATMEL Corporation AT43USB370E-AC Datasheet HTML 24Page - ATMEL Corporation AT43USB370E-AC Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
21
AT43USB370
3340B–USB–12/03
USBP_PORTNUM_REG – Hub’s Port Number Register
The USB processor writes in this register.
• Bit 7:0 - PORT_NUM
Port number of the hub to which the USB device is connected.
• Bit 31:8 - RS
Reserved. Reset to zero by the USB processor.
This register is used by the USB processor to write the port number of the hub to which a USB
device is connected while issuing a request to the system processor software. After power-up
or reset, this register will contain the value of 0x00.
SYSP_PKTSIZE – Packet Size Register
The system processor software writes in this register.
• Bit 15:0 - PKT_SIZE
Packet size in bytes.
• Bit 31:16 - RS
Reserved. Must be reset to zero by the system processor software.
This register is used by the system processor software to specify the Packet Size while issuing
a command to the USB processor. This packet size is used by the USB processor for every
transaction associated with this command. After power-up or reset, this register will contain
the value of 0x00
Bit
31
8
7
0
0x44
RS
PORT_NUM
USBP_PORTNUM_REG
Read/Write
USB Processor
W
System Processor
R
Initial Value
0x0
Mode
Host
Bit
31
16
15
0
0x48
RS
PKT_SIZE
USBP_PKTSIZE_REG
Read/Write
USB Processor
R
System Processor
W
Initial Value
0x0
Mode
Host



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com