Electronic Components Datasheet Search
  English  ▼

X  

PI5A100Q Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI5A100Q
Description  Precision, Wide-Bandwidth Quad SPDT Analog Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A100Q Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI5A100Q Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A100Q Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A100Q Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A100Q Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5A100Q Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5A100Q Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5A100Q Datasheet HTML 9Page - Pericom Semiconductor Corporation PI5A100Q Datasheet HTML 10Page - Pericom Semiconductor Corporation PI5A100Q Datasheet HTML 11Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
PS7012H
08/30/04
PI5A100
Precision, Wide-Bandwidth, Quad SPDT Analog Switch
Test Circuits/Timing Diagrams
Figure 1. Switching Time
Figure 2. Charge Injection
Vcc
+5V
NO
GND
or NC
COM
+3V*
Logic
Input
IN
tr <20ns
tf <20ns
VOUT = VNO
RL
RL + RON
(
)
CL INCLUDES FIXTURE AND STRAY CAPACITANCE
VOUT
RL
100Ohm
CL
15pF
LOGIC INPUT WAVEFORMS INVERTED FOR
SWITCHES THAT HAVE OPPOSITE LOGIC
* 1.5V FOR 3.3V SUPPLY
tOFF
tON
VOUT
90%
90%
Logic
Input
Switch
Output
+3V
0V
0V
50%
Switch
Input
V+
+5V
NO or
GND
NC
COM
VOUT
CL
1nF
VOUT
∆VOUT
IN
VGEN
ON
ON
OFF
OFF
OFF
OFF
IN
Q = (∆VOUT)(CL)
IN
Logic
Input
.1µF
RGEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com