Electronic Components Datasheet Search
  English  ▼

X  

PI5A100Q Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

Part # PI5A100Q
Description  Precision, Wide-Bandwidth Quad SPDT Analog Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A100Q Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

Back Button PI5A100Q Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A100Q Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A100Q Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5A100Q Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5A100Q Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5A100Q Datasheet HTML 9Page - Pericom Semiconductor Corporation PI5A100Q Datasheet HTML 10Page - Pericom Semiconductor Corporation PI5A100Q Datasheet HTML 11Page - Pericom Semiconductor Corporation PI5A100Q Datasheet HTML 12Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
PS7012H
08/30/04
PI5A100
Precision, Wide-Bandwidth, Quad SPDT Analog Switch
Test Circuits/Timing Diagrams (continued)
Figure 3. Off Isolation
Figure 5. Channel-Off Capacitance
Figure 4. Crosstalk
Figure 6. Channel-On Capacitance
Figure 7. Bandwidth
V+
+5V
Analyzer
GND
EN
N02
COM1
10nF
COM
Signal
Generator 0dBm
0V or
2.4V
COM2
IN
N01
NC
50
Ohm
10Ohm
50Ohm
V+
+5V
NC
Capacitance
Meter
GND
EN
or NO
COM
10nF
IN
0V or
2.4V
f = 1MHz
V+
+5V
NC
Capacitance
Meter
GND
EN
or NO
COM
10nF
IN
0V or
2.4V
f = 1kHz
V+
+5V
NC
Analyzer
GND
EN
or NO
COM
10nF
IN
COM
50Ohm
50Ohm
0V or
2.4V
VCC
+5V
NC
GND
EN
or NO
10nF
Rg = 50Ohm
COM
RL
10Ohm
Vo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com