Electronic Components Datasheet Search
  English  ▼

X  

COP888CG Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP888CG
Description  8-Bit Microcontroller with UART and Three Multi-Function Timers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP888CG Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button COP888CG Datasheet HTML 18Page - National Semiconductor (TI) COP888CG Datasheet HTML 19Page - National Semiconductor (TI) COP888CG Datasheet HTML 20Page - National Semiconductor (TI) COP888CG Datasheet HTML 21Page - National Semiconductor (TI) COP888CG Datasheet HTML 22Page - National Semiconductor (TI) COP888CG Datasheet HTML 23Page - National Semiconductor (TI) COP888CG Datasheet HTML 24Page - National Semiconductor (TI) COP888CG Datasheet HTML 25Page - National Semiconductor (TI) COP888CG Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
Comparators (Continued)
CMPSL REGISTER (ADDRESS X’00B7)
The CMPSL register contains the following bits
CMP1EN Enable comparator 1
CMP1RD Comparator 1 result (this is a read only bit
which will read as 0 if the comparator is not
enabled)
CMP10E
Selects pin I3 as comparator 1 output provided
that CMPIEN is set to enable the comparator
CMP2EN
Enable comparator 2
CMP2RD
Comparator 2 result (this is a read only bit
which will read as 0 if the comparator is not
enabled)
CMP20E
Selects pin I6 as comparator 2 output provided
that CMP2EN is set to enable the comparator
Unused CMP20E CMP2RD CMP2EN CMP10E CMP1RD CMP1EN Unused
Bit 7
Bit 0
Note that the two unused bits of CMPSL may be used as
software flags
Comparator outputs have the same spec as Ports L and G
except that the rise and fall times are symmetrical
Interrupts
The device supports a vectored interrupt scheme It sup-
ports a total of fourteen interrupt sources The following ta-
ble lists all the possible device interrupt sources their arbi-
tration ranking and the memory locations reserved for the
interrupt vector for each source
Two bytes of program memory space are reserved for each
interrupt source All interrupt sources except the software
interrupt are maskable Each of the maskable interrupts
have an Enable bit and a Pending bit A maskable interrupt
is active if its associated enable and pending bits are set If
GIE e 1 and an interrupt is active then the processor will
be interrupted as soon as it is ready to start executing an
instruction except if the above conditions happen during the
Software Trap service routine This exception is described
in the Software Trap sub-section
The interruption process is accomplished with the INTR in-
struction (opcode 00) which is jammed inside the Instruc-
tion Register and replaces the opcode about to be execut-
ed The following steps are performed for every interrupt
1 The GIE (Global Interrupt Enable) bit is reset
2 The address of the instruction about to be executed is
pushed into the stack
3 The PC (Program Counter) branches to address 00FF
This procedure takes 7 tc cycles to execute
TLDD9765 – 22
FIGURE 15 Interrupt Block Diagram
http
www nationalcom
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com