Electronic Components Datasheet Search
  English  ▼

X  

COP888CG Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP888CG
Description  8-Bit Microcontroller with UART and Three Multi-Function Timers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP888CG Datasheet(HTML) 5 Page - National Semiconductor (TI)

  COP888CG Datasheet HTML 1Page - National Semiconductor (TI) COP888CG Datasheet HTML 2Page - National Semiconductor (TI) COP888CG Datasheet HTML 3Page - National Semiconductor (TI) COP888CG Datasheet HTML 4Page - National Semiconductor (TI) COP888CG Datasheet HTML 5Page - National Semiconductor (TI) COP888CG Datasheet HTML 6Page - National Semiconductor (TI) COP888CG Datasheet HTML 7Page - National Semiconductor (TI) COP888CG Datasheet HTML 8Page - National Semiconductor (TI) COP888CG Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
DC Electrical Characteristics b40 C s TA s a85 C unless otherwise specified (Continued)
Parameter
Conditions
Min
Typ
Max
Units
Allowable SinkSource
Current per Pin
D Outputs (Sink)
15
mA
All others
3mA
Maximum Input Current
TA e 25 C
g
100
mA
without Latchup
RAM Retention Voltage Vr
500 ns Rise
2V
and Fall Time (Min)
Input Capacitance
7pF
Load Capacitance on D2
1000
pF
AC Electrical Characteristics b40 C s TA s a85 C unless otherwise specified
Parameter
Conditions
Min
Typ
Max
Units
Instruction Cycle Time (tc)
Crystal Resonator
4V s VCC s 6V
1
DC
m
s
RC Oscillator
25V s VCC k 4V
25
DC
m
s
4V s VCC s 6V
3
DC
m
s
25V s VCC k 4V
75
DC
m
s
Inputs
tSETUP
4V s VCC s 6V
200
ns
25V s VCC k 4V
500
ns
tHOLD
4V s VCC s 6V
60
ns
25V s VCC k 4V
150
ns
Output Propagation Delay (Note 4)
RL e 22k CL e 100 pF
tPD1 tPD0
SO SK
4V s VCC s 6V
07
m
s
25V s VCC k 4V
175
m
s
All Others
4V s VCC s 6V
1
m
s
25V s VCC k 4V
25
m
s
MICROWIRETM Setup Time (tUWS)20
ns
MICROWIRE Hold Time (tUWH)56
ns
MICROWIRE Output Propagation Delay (tUPD)
220
ns
Input Pulse Width
Interrupt Input High Time
1
tc
Interrupt Input Low Time
1
tc
Timer Input High Time
1
tc
Timer Input Low Time
1
tc
Reset Pulse Width
1
m
s
Note 4
The output propagation delay is referenced to the end of the instruction cycle where the output change occurs
http
www nationalcom
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com