Electronic Components Datasheet Search
  English  ▼

X  

EP10 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # EP10
Description  POWER MAGNETICS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

EP10 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  EP10 Datasheet HTML 1Page - Pulse A Technitrol Company EP10 Datasheet HTML 2Page - Pulse A Technitrol Company EP10 Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
15
www.power.pulseelectronics.com
PRODUCT OVERVIEW: SMT POWER & ISOLATION TRANSFORMERS
POWER MAGNETICS
Pulse offers custom transformer designs using standard cores and bobbins on the following SMT platforms. Refer
to datasheets for below listed parts on Pulse website for further details. 10Kpcs annual demand typically required
for custom development. Please contact the Pulse Power Business Unit for your specific needs where we can also
offer a wide range of high efficiency magnetics for computing, data-communications and industrial applications.
Planar Platforms - ER19, ER25 and ER25 Plus
EFD Platforms - EFD15, EFD20, EFD25 and EFD30
EP Platforms - EP7, EP10, EP13 and EP13 Plus
ER Platforms - ER9.5, ER11 and ER14.5
Functional Insulation Toroid Isolation Platform
Reinforced Insulation EP7 Isolation Platform
Extended Creepage Sidecar Isolation Platform
Up to 800W Forward and Full Bridge
1500Vdc Galvanic Isolation
PH0801NL, PH0910.003CNL, PH9278NL
Up to 150W Forward and Flyback
Functional and Basic Insulation
PA1646NL, PA2398NL, PA2459NL, PA3524NL
Up to 70W Forward and Flyback
Functional and Basic Insulation
PA1130NL, PA1133NL, P1136NL, PA3855
Up to 10W Push-Pull and Flyback
Functional Insulation
PA0663NL, PA1032NL, PA1026NL
2500Vrms Isolation, Class B insulation
Communications interface applications
PH9085
TUV Certified to EN60950, Class F insulation
8mm creepage/5000Vrms Isolation
PH9185
12mm Creepage in 7mm and 14mm heights
5000Vrms Isolation
PH9385 and PA3965


Similar Part No. - EP10

ManufacturerPart #DatasheetDescription
logo
YUXIANG Magnetc materia...
EP10 YUXIANG-EP10 Datasheet
105Kb / 2P
EP Core
logo
Ferroxcube Internationa...
EP10 FERROXCUBE-EP10 Datasheet
92Kb / 9P
EP cores and accessories
EP10-3C81 FERROXCUBE-EP10-3C81 Datasheet
92Kb / 9P
EP cores and accessories
EP10-3C81-A100 FERROXCUBE-EP10-3C81-A100 Datasheet
92Kb / 9P
EP cores and accessories
EP10-3C81-A160 FERROXCUBE-EP10-3C81-A160 Datasheet
92Kb / 9P
EP cores and accessories
More results

Similar Description - EP10

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0581-5999-05 BEL-0581-5999-05 Datasheet
35Kb / 2P
POWER MAGNETICS Through Hole Inductor
logo
Coilcraft lnc.
C0972-AL COILCRAFT-C0972-AL Datasheet
111Kb / 2P
SMT Power Magnetics
logo
Bel Fuse Inc.
0571-4000-01 BEL-0571-4000-01 Datasheet
62Kb / 2P
POWER MAGNETICS
logo
Pulse A Technitrol Comp...
H2019NL PULSE-H2019NL Datasheet
1Mb / 5P
Power OVER Ethernet (PoE) Magnetics and (PoE) Magnetics
H2019NLT PULSE-H2019NLT Datasheet
1Mb / 5P
Power OVER Ethernet (PoE) Magnetics and (PoE) Magnetics
PF0580 PULSE-PF0580 Datasheet
490Kb / 9P
POWER MAGNETICS
logo
XFMRS Inc.
XF0456B4 XFMRS-XF0456B4 Datasheet
44Kb / 1P
MAGNETICS
logo
Pulse A Technitrol Comp...
PA4330 PULSE-PA4330 Datasheet
1Mb / 3P
POWER MAGNETICS
logo
VITALCONN ELECTRONICS H...
TA16111S1 VITALCONN-TA16111S1 Datasheet
252Kb / 1P
POWER OVER ETHERNET PoE MAGNETICS 10/100BASE-TX VoIP Magnetics Modules
TH16101S1 VITALCONN-TH16101S1 Datasheet
252Kb / 1P
POWER OVER ETHERNET PoE MAGNETICS 10/100BASE-TX VoIP Magnetics Modules
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com