Electronic Components Datasheet Search
  English  ▼

X  

EP10 Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # EP10
Description  POWER MAGNETICS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

EP10 Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  EP10 Datasheet HTML 1Page - Pulse A Technitrol Company EP10 Datasheet HTML 2Page - Pulse A Technitrol Company EP10 Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
16
www.power.pulseelectronics.com
PLATFORM OVERVIEW: THROUGH-HOLE POWER TRANSFORMERS
POWER MAGNETICS
Pulse offers custom transformer designs using standard cores and bobbins on the following THT platforms.
Refer to datasheets for below listed parts on Pulse website for further details.
EE10 Platform - 8 Pins, THT, Vertical
EE13 Platform - 9 Pins, THT, Horizontal, Offset
EE13 Platform - 10 Pins, THT, Vertical, Offset
EE16 Platform - 10 Pins, THT, Horizontal, Offset
EE16 Platform - 10 Pins, THT, Vertical
EE19 Platform - 10 Pins, THT, Vertical
EF20 Platform - 8 Pins and 10 Pins, THT, Horizontal
EF20 Platform - 14 Pins, THT, Horizontal, Offset
EF25 Platform - 10 Pins, THT, Vertical
PQ2016 Platform - 14 Pins, THT, Vertical
Typical Power Level: 5W (100kHz, Flyback)
Size: 11.0 x 11.0 x 12.0 mm Max
Custom part numbers available
Typical Power Level: 10W (100kHz, Flyback)
Size: 19.5 x 13.5 x 15.0 mm Max
PA2718NL
Typical Power Level: 15W (100kHz, Flyback)
Size: 18.2 x 13.8 x 17.5 mm Max
PA3050NL, PA2621NL
Typical Power Level: 20W (100kHz, Flyback)
Size: 21.0 x 16.50 x 24.0 mm Max
Custom part numbers available
Typical Power Level: 25W (100kHz, Flyback)
Size: 21.6 x 21.6 x 15.8 mm Max
PA2872NL, PA2959NL, PA2979NL
Typical Power Level: 40W (100kHz, Flyback)
Size: 28.5 x 18.8 x 30.5 mm Max
PA2380NL, PA2942NL
Typical Power Level: 40W (100kHz, Flyback)
Size: 23.5 x 23.5 x 18.7 mm Max
Custom part numbers available



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com