Electronic Components Datasheet Search
  English  ▼

X  

BCR16HM Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # BCR16HM
Description  MEDIUM POWER USE INSULATED TYPE, GLASS PASSIVATION TYPE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

BCR16HM Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  BCR16HM Datasheet HTML 1Page - Mitsubishi Electric Semiconductor BCR16HM Datasheet HTML 2Page - Mitsubishi Electric Semiconductor BCR16HM Datasheet HTML 3Page - Mitsubishi Electric Semiconductor BCR16HM Datasheet HTML 4Page - Mitsubishi Electric Semiconductor BCR16HM Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Feb.1999
100
23
5 7 101
80
60
40
20
23
5 7 102
44
100
120
140
160
180
200
0
4.4
2.4
0.8
0.4
1.2 1.6 2.0
2.8 3.2 3.6 4.0
103
7
5
3
2
102
7
5
3
2
101
7
5
3
2
100
Tb = 25°C
MAXIMUM ON-STATE CHARACTERISTICS
ON-STATE VOLTAGE (V)
RATED SURGE ON-STATE CURRENT
CONDUCTION TIME
(CYCLES AT 60Hz)
V2. Measurement using the gate trigger characteristics measurement circuit.
V3. The critical-rate of rise of the off-state commutating voltage is shown in the table below.
V4. The contact thermal resistance Rth (b-f) in case of greasing is 0.5
°C/W.
MITSUBISHI SEMICONDUCTOR
〈TRIAC〉
BCR16HM
MEDIUM POWER USE
INSULATED TYPE, GLASS PASSIVATION TYPE
Symbol
IDRM
VTM
VFGT !
VRGT !
VRGT #
IFGT !
IRGT !
IRGT #
VGD
Rth (j-b)
(dv/dt)c
Parameter
Repetitive peak off-state current
On-state voltage
Gate trigger voltage
V2
Gate trigger current V2
Gate non-trigger voltage
Thermal resistance
Critical-rate of rise of off-state
commutating voltage
Test conditions
Tj=125
°C, VDRM applied
Tb=25
°C, ITM=25A, Instantaneous measurement
Tj=25
°C, VD=6V, RL=6Ω, RG=330Ω
Tj=25
°C, VD=6V, RL=6Ω, RG=330Ω
Tj=125
°C, VD=1/2VDRM
Junction to base V4
Unit
mA
V
V
V
V
mA
mA
mA
V
°C/W
V/
µs
Typ.
—
—
—
—
—
—
—
—
—
—
—
!
@
#
!
@
#
ELECTRICAL CHARACTERISTICS
Test conditions
Voltage
class
8
12
VDRM
(V)
400
600
Min.
—
10
—
10
Commutating voltage and current waveforms
(inductive load)
(dv/dt) c
Symbol
R
L
R
L
Unit
V/
µs
1. Junction temperature
Tj=125
°C
2. Rate of decay of on-state commutat-
ing current
(di/dt)c=–8A/ms
3. Peak off-state voltage
VD=400V
Limits
Min.
—
—
—
—
—
—
—
—
0.2
—
V3
Max.
3.0
1.6
1.5
1.5
1.5
30
30
30
—
2.0
—
SUPPLY
VOLTAGE
TIME
TIME
TIME
MAIN CURRENT
MAIN
VOLTAGE
(di/dt)c
VD
(dv/dt)c
PERFORMANCE CURVES



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com