Electronic Components Datasheet Search
  English  ▼

X  

BCR16HM Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # BCR16HM
Description  MEDIUM POWER USE INSULATED TYPE, GLASS PASSIVATION TYPE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

BCR16HM Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  BCR16HM Datasheet HTML 1Page - Mitsubishi Electric Semiconductor BCR16HM Datasheet HTML 2Page - Mitsubishi Electric Semiconductor BCR16HM Datasheet HTML 3Page - Mitsubishi Electric Semiconductor BCR16HM Datasheet HTML 4Page - Mitsubishi Electric Semiconductor BCR16HM Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Feb.1999
103
7
5
3
2
–60
–20
20
102
7
5
3
2
60
100
140
4
4
–40
0
40
80
120
101
TYPICAL EXAMPLE
160
100
80
40
20
0
140
40
–40
–60
–20 0
20
60 80
140
100 120
60
120
TYPICAL EXAMPLE
140
40
–40
–60
–20 0
20
60 80 100 120
105
7
5
3
2
104
7
5
3
2
103
7
5
3
2
102
TYPICAL EXAMPLE
ALLOWABLE AMBIENT TEMPERATURE
VS. RMS ON-STATE CURRENT
RMS ON-STATE CURRENT (A)
REPETITIVE PEAK OFF-STATE
CURRENT VS. JUNCTION
TEMPERATURE
JUNCTION TEMPERATURE (°C)
BREAKOVER VOLTAGE VS.
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE (°C)
HOLDING CURRENT VS.
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE (°C)
40
12
10
8
160
120
100
60
20
0
20
0
80
140
24
614 16 18
80 80 t2.0
160 160 t4.0
120 120 t3.0
ALL FINS ARE BLACK PAINTED
ALUMINUM AND GREASED
NATURAL CONVECTION
CURVES APPLY
REGARDLESS OF
CONDUCTION ANGLE
COMMUTATION CHARACTERISTICS
RATE OF DECAY OF ON-STATE
COMMUTATING CURRENT (A /ms)
BREAKOVER VOLTAGE VS.
RATE OF RISE OF
OFF-STATE VOLTAGE
RATE OF RISE OF OFF-STATE VOLTAGE (V/µs)
23
101
57 102 23 5 7 103 23 5 7 104
120
0
20
40
60
80
100
140
160
# 2
# 1
TYPICAL EXAMPLE
Tj = 125°C
I QUADRANT
III QUADRANT
100
102
7
5
3
2
100
23
5 7 101
101
7
5
3
2
23
5 7 102
4
4
44
TYPICAL
EXAMPLE
TC = 125°C
IT = 4A
τ = 500µs
VD = 200V
f = 3Hz
I QUADRANT
III QUADRANT
MINIMUM
CHARAC-
TERISTICS
VALUE
MITSUBISHI SEMICONDUCTOR
〈TRIAC〉
BCR16HM
MEDIUM POWER USE
INSULATED TYPE, GLASS PASSIVATION TYPE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com