Electronic Components Datasheet Search
  English  ▼

X  

CS7410-CM Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS7410-CM
Description  CD/MP3/WMA Audio Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7410-CM Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS7410-CM Datasheet HTML 13Page - Cirrus Logic CS7410-CM Datasheet HTML 14Page - Cirrus Logic CS7410-CM Datasheet HTML 15Page - Cirrus Logic CS7410-CM Datasheet HTML 16Page - Cirrus Logic CS7410-CM Datasheet HTML 17Page - Cirrus Logic CS7410-CM Datasheet HTML 18Page - Cirrus Logic CS7410-CM Datasheet HTML 19Page - Cirrus Logic CS7410-CM Datasheet HTML 20Page - Cirrus Logic CS7410-CM Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
CS7410
DS553PP1
17
1.1.4.5
Audio Output Interface
Symbol
Description
Min
Typ
Max
Units
taxch
PCM_XCLK High Time (PCM_XCLK is Input/Output)
42
50
%
taxcl
PCM_XCLK Low Time (PCM_XCLK is Input/Output
42
50
%
taxper
PCM_XCLK period (Input/Output)
55
ns
taoper
PCM_BCK period (Output)
440
ns
tsdmo
PCM_BCK delay from PCM_XCLK output transition1
5
ns
tsdmi
PCM_BCK delay from PCM_XCLK input transition1
15
ns
tlrds
PCM_LRCK delay from PCM_BCK transition1
5
ns
tadsm
PCM_D[3:0] delay from PCM_BCK transition1
5
ns
Table 5. Audio Output Interface Symbols and Characterization Data
1. Active clock edge is programmable. Timing is referenced from the active edge.
PCM_BCK(Output)
PCM_XCK(Input/Output)
t
sdmi
sdmo
t axch
PCM_BCK(Output)
PCM_DO[1:0] (Output)
PCM_LRCK(Output)
t lrds
t adsm
t axcl
t axper
t aoper
Figure 12. Audio Output Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com