Electronic Components Datasheet Search
  English  ▼

X  

CS7410-CM Datasheet(PDF) 35 Page - Cirrus Logic

Part # CS7410-CM
Description  CD/MP3/WMA Audio Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7410-CM Datasheet(HTML) 35 Page - Cirrus Logic

Back Button CS7410-CM Datasheet HTML 31Page - Cirrus Logic CS7410-CM Datasheet HTML 32Page - Cirrus Logic CS7410-CM Datasheet HTML 33Page - Cirrus Logic CS7410-CM Datasheet HTML 34Page - Cirrus Logic CS7410-CM Datasheet HTML 35Page - Cirrus Logic CS7410-CM Datasheet HTML 36Page - Cirrus Logic CS7410-CM Datasheet HTML 37Page - Cirrus Logic CS7410-CM Datasheet HTML 38Page - Cirrus Logic CS7410-CM Datasheet HTML 39Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 35 / 39 page
background image
CS7410
DS553PP1
35
4.9
General Purpose Input/Output (GPIO)
The CS7410 provides a number of General Purpose Input/Output (GPIO) pins, each with individual output
three-state controls, and a number of General Purpose Output (GPO) pins. Table 16 shows the 17 dedicat-
ed GPIO pins. A naming scheme for these pins was chosen to encourage system designers to adhere to
standardized pin usage. Table 17 shows the GPIO and GPO pins that can be redefined from other functions.
For redefined pins, mode control register bits select the normal function or GPIO/GPO function for the pins.
Table 17 also indicates which mode bit controls each pin.
Pin
Signal Name
Type
Description
100, 99, 98, 97
GPIO[3:0]
B
4 General purpose I/O on dedicated pins
53, 52, 51, 50, 49
KP_IN[4:0]
B
5 General purpose I/O on dedicated pins
58, 57, 56, 55, 54
KP_OUT[4:0]
B
5 General purpose I/O on dedicated pins
59
IR_IN
B
General purpose I/O on dedicated pin
62
SER4_CLK
B
General purpose I/O on dedicated pin
63
SER4_DAT
B
General purpose I/O on dedicated pin
Table 16. Dedicated General Purpose I/O Pins
Pin
Signal Name
Type
Description
65
SER2_CLK
B
GPIO controlled by Mode bit 2
67
SER2_DO
B
GPIO controlled by Mode bit 2
68
SER2_CS
B
GPIO controlled by Mode bit 2
66
SER2_DI
B
GPIO controlled by Mode bit 3
69
SER3_CLK
B
GPIO controlled by Mode bit 4
70
SER3_DO
B
GPIO controlled by Mode bit 4
72
SER3_DI
B
GPIO controlled by Mode bit 4
74
SER3_SS0
B
GPIO controlled by Mode bit 4
76
SER3_SS1
B
GPIO controlled by Mode bit 5
80
CD_C2P0
B
GPIO controlled by Mode bit 6
77
SERVOCK
B
GPIO controlled by Mode bit 7
92
PCM_BCK
O
GPO controlled by Mode bit 8
93
PCM_LRCK
O
GPO controlled by Mode bit 9
94
PCM_DO_0
O
GPO controlled by Mode bit 10
95
PCM_DO_1
O
GPO controlled by Mode bit 11
79
PCM_MUTE
O
GPO controlled by Mode bit 12
84
DAC_LP
O
GPO controlled by Mode bit 13
Table 17. Redefined General Purpose Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com