Electronic Components Datasheet Search
  English  ▼

X  

CS7410-CQ Datasheet(PDF) 30 Page - Cirrus Logic

Part # CS7410-CQ
Description  CD/MP3/WMA Audio Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7410-CQ Datasheet(HTML) 30 Page - Cirrus Logic

Back Button CS7410-CQ Datasheet HTML 26Page - Cirrus Logic CS7410-CQ Datasheet HTML 27Page - Cirrus Logic CS7410-CQ Datasheet HTML 28Page - Cirrus Logic CS7410-CQ Datasheet HTML 29Page - Cirrus Logic CS7410-CQ Datasheet HTML 30Page - Cirrus Logic CS7410-CQ Datasheet HTML 31Page - Cirrus Logic CS7410-CQ Datasheet HTML 32Page - Cirrus Logic CS7410-CQ Datasheet HTML 33Page - Cirrus Logic CS7410-CQ Datasheet HTML 34Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
CS7410
30
DS553PP1
1. Optional pull up or pull down resistor may be connected to configure internal ROM program
2. Required external resistor required to select processor boot from internal ROM (pull down) or external
ROM (pull up).
3. Drives for a short time after reset, then reverts to high impedance
4.2
Miscellaneous Pins
These pins described in Table8 are used for used for basic functions such as clocking, reset and infrared
receiver interface. The main system clock can be derived from an external crystal connected between the
XTLCLK_I and XTLCLK_O pins, or can be received from the CD servo chip via the XTLCLK_I pin. The
CS7410 can accommodate a variety of input frequencies, such as 44.1 KHz x 256, x 384, or x 512.
4.3
Serial Interface Pins
The CS7410 Serial Interface pins are described in Table9. CS7410 has three dedicated serial ports, each
with different protocols. The 2-wire serial port (SER1) supports industry standard protocols. This port is typ-
ically used for debug, with the CS7410 as the slave. The slave chip select address is programmable, and
defaults to a 7-bit value of 0x1B. A second serial controller (SER2) supports industry standard 3-wire and
4-wire protocols. In master mode, this interface can control a front panel or a small non-volatile memory. In
slave mode, it can operate under control of an external processor, for example, in a combination unit. The
third serial port (SER3) is a 5-wire master device optimized for reading CD subcodes from the servo chip,
and can also be used a general-purpose serial port.
98
GPIO_1
B4
I
GPIO[1]
B
PWM_Out
O
99
GPIO_2
B4
I
GPIO[2]
B
100
GPIO_3
B4
I
GPIO[3]
B
Pin
Name
Type
Reset
Function #1
Dir
Function #2
Dir
Note
Table 7. Pin Assignments (Continued)
Pin
Signal Name
Type
Description
17
XTLCLK_O
O
Crystal output
18
XTLCLK_I
I
Crystal input, or oscillator input
90
RST_N
I
Asynchronous reset input, active low
91
TEST
I
Manufacturing test, tie to ground
Table 8. Miscellaneous Interface Pins
Pin
Signal Name
Type
Description
60
SER1_CLK
B
Debug port serial clock
61
SER1_DAT
B
Debug port serial data
65
SER2_CLK
B
Clock for 4-wire serial port (output for master mode, input
for slave mode)
66
SER2_DI
I
Input data for 4-wire serial port
67
SER2_DO
B
Output data for 4-wire serial port – may function as bidi-
rectional data in 3-wire mode.
Table 9. Serial Interface Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com