Electronic Components Datasheet Search
  English  ▼

X  

CS7410-CQ Datasheet(PDF) 36 Page - Cirrus Logic

Part # CS7410-CQ
Description  CD/MP3/WMA Audio Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7410-CQ Datasheet(HTML) 36 Page - Cirrus Logic

Back Button CS7410-CQ Datasheet HTML 31Page - Cirrus Logic CS7410-CQ Datasheet HTML 32Page - Cirrus Logic CS7410-CQ Datasheet HTML 33Page - Cirrus Logic CS7410-CQ Datasheet HTML 34Page - Cirrus Logic CS7410-CQ Datasheet HTML 35Page - Cirrus Logic CS7410-CQ Datasheet HTML 36Page - Cirrus Logic CS7410-CQ Datasheet HTML 37Page - Cirrus Logic CS7410-CQ Datasheet HTML 38Page - Cirrus Logic CS7410-CQ Datasheet HTML 39Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 36 / 39 page
background image
CS7410
36
DS553PP1
4.10
Power and Ground
Table 18 describes the power and ground pins. The CS7410 requires 3 different types of power supplies for
the PLLs, internal logic, and IO pins. The PLLs and internal logic use 1.8 V supply voltage. The IO pins use
3.3 V supply voltage. An optional separate supply can be used to provide clean 3.3 V to the Sigma-Delta
DACs digital output pads. It is recommended that you use good layout techniques to provide isolation be-
tween the supply types on the board. Contact Cirrus Logic applications engineering for layout guidelines.
85
DAC_LN
O
GPO controlled by Mode bit 13
87
DAC_RP
O
GPO controlled by Mode bit 13
89
DAC_RN
O
GPO controlled by Mode bit 13
96
IEC958_O
B
GPIO controlled by Mode bit 14
Pin
Signal Name
Type
Description
1
PLL_GND
Ground for internal PLLs
2
PLL_1V8
1.8V for internal PLLs
14, 40, 73
CORE_GND
Ground for internal core logic
12, 38, 71
CORE_1V8
1.8V for internal core logic
19, 42, 64, 86
IO_GND
Ground for Digital I/Os
16, 44, 75
IO_3V3
3.3V for Digital I/Os
88
DAC_3V3
3.3V for Sigma Delta DAC Digital I/Os
Table 18. Power and Ground
Pin
Signal Name
Type
Description
Table 17. Redefined General Purpose Pins (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com