Electronic Components Datasheet Search
  English  ▼

X  

CMSZDA15V Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMSZDA15V
Description  SURFACE MOUNT DUAL, SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMSZDA15V Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMSZDA15V Datasheet HTML 1Page - Central Semiconductor Corp CMSZDA15V Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION:
The CENTRAL SEMICONDUCTOR
CMSZDA2V4 Series silicon dual zener diode is
a highly quality voltage regulator, connected in a
common anode configuration, for use in
industrial, commercial, entertainment and
computer applications.
MARKING CODE: SEE MARKING CODES ON
ELECTRICAL CHARACTERISTICS TABLE
CMSZDA2V4
THRU
CMSZDA47V
SURFACE MOUNT
DUAL, SILICON ZENER DIODE
2.4 VOLTS THRU 47 VOLTS
275mW
SOT-323 CASE
Central
Semiconductor Corp.
TM
R4 (4-January 2004)
TYPE NO.
ZENER
VOLTAGE
VZ @ IZT
TEST
CURRENT
MAXIMUM
ZENER IMPEDANCE
MAXIMUM
REVERSE
CURRENT
MAXIMUM
ZENER
CURRENT
MAXIMUM
ZENER
VOLTAGE
TEMP.
COEFF.
MARKING
CODE
MIN
MAX
IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
IZM
Θ
ΘVZ
VOLTS VOLTS
mA
Ω
Ω
Ω
Ω
mA
µA
VOLTS
mA
% / °C
CMSZDA2V4
2.2
2.6
5.0
100
600
1.0
50
1.0
63
-0.06
W3W
CMSZDA2V7
2.5
2.9
5.0
100
600
1.0
20
1.0
57
-0.06
W4W
CMSZDA3V0
2.8
3.2
5.0
95
600
1.0
10
1.0
54
-0.06
W5W
CMSZDA3V3
3.1
3.5
5.0
95
600
1.0
5.0
1.0
47
-0.06
W6W
CMSZDA3V6
3.4
3.8
5.0
95
600
1.0
2.0
1.0
45
-0.06
W7W
CMSZDA3V9
3.7
4.1
5.0
90
600
1.0
2.0
1.0
43
-0.06
W8W
CMSZDA4V3
4.0
4.6
5.0
90
600
1.0
1.0
1.0
40
-0.05
W9W
CMSZDA4V7
4.4
5.0
5.0
80
500
1.0
3.0
2.0
38
-0.03
Z1Z
CMSZDA5V1
4.8
5.4
5.0
60
480
1.0
2.0
2.0
35
0.02
Z2Z
CMSZDA5V6
5.2
6.0
5.0
40
400
1.0
1.0
2.0
32
0.03
Z3Z
CMSZDA6V2
5.8
6.6
5.0
10
150
1.0
3.0
4.0
28
0.04
Z4Z
CMSZDA6V8
6.5
7.2
5.0
15
80
1.0
2.0
4.0
25
0.05
Z5Z
CMSZDA7V5
7.0
7.9
5.0
15
80
1.0
1.0
5.0
23
0.05
Z6Z
CMSZDA8V2
7.7
8.7
5.0
15
80
1.0
0.7
5.0
21
0.06
Z7Z
CMSZDA9V1
8.5
9.6
5.0
15
100
1.0
0.5
6.0
18
0.06
Z8Z
CMSZDA10V
9.4
10.6
5.0
20
150
1.0
0.2
7.0
16
0.07
Z9Z
CMSZDA11V
10.4
11.6
5.0
20
150
1.0
0.1
8.0
15
0.07
Y1Y
CMSZDA12V
11.4
12.7
5.0
25
150
1.0
0.1
8.0
13
0.07
Y2Y
CMSZDA13V
12.4
14.1
5.0
30
170
1.0
0.1
8.0
12
0.08
Y3Y
CMSZDA15V
13.8
15.6
5.0
30
200
1.0
0.05
10.5
11
0.08
Y4Y
CMSZDA16V
15.3
17.1
5.0
40
200
1.0
0.05
11.2
10
0.08
Y5Y
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Power Dissipation
PD
275
mW
Operating and Storage Temperature
TJ, Tstg
-65 TO +150
°C
Thermal Resistance
ΘJA
455
°C/W
ELECTRICAL CHARACTERISTICS PER DIODE: (TA=25°C) VF=0.9V MAX @ IF=10mA FOR ALL TYPES.


Similar Part No. - CMSZDA15V

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMSZDA15V CENTRAL-CMSZDA15V Datasheet
479Kb / 2P
SURFACE MOUNT DUAL, COMMON ANODE SILICON ZENER DIODES 275mW, 2.4 THRU 47 VOLTS
CMSZDA15V CENTRAL-CMSZDA15V Datasheet
479Kb / 2P
SILICON ZENER DIODES
More results

Similar Description - CMSZDA15V

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
BZX84B5V1 CENTRAL-BZX84B5V1 Datasheet
120Kb / 2P
SURFACE MOUNT 350mW SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
CMPZDA2V4 CENTRAL-CMPZDA2V4 Datasheet
121Kb / 2P
SURFACE MOUNT DUAL, SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 350mW
CMLZDA2V4 CENTRAL-CMLZDA2V4 Datasheet
65Kb / 2P
SURFACE MOUNT DUAL, COMMON ANODE SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
BZX84C2V4 CENTRAL-BZX84C2V4 Datasheet
336Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE 350mW, 2.4 THRU 47 VOLTS
CMDZ5221B CENTRAL-CMDZ5221B_10 Datasheet
373Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMLZDA2V4 CENTRAL-CMLZDA2V4_10 Datasheet
519Kb / 2P
SURFACE MOUNT DUAL, COMMON ANODE SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
CMSZ5221B CENTRAL-CMSZ5221B_10 Datasheet
479Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE 275mW, 2.4 THRU 47 VOLTS 5% TOLERANCE
BZX84A2V4 CENTRAL-BZX84A2V4_11 Datasheet
335Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE 350mW, 2.4 THRU 47 VOLTS 1% TOLERANCE
BZX84C3V3-33 CENTRAL-BZX84C3V3-33 Datasheet
336Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE 350mW, 2.4 THRU 47 VOLTS
CMDZ2V4 CENTRAL-CMDZ2V4_10 Datasheet
369Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com