Electronic Components Datasheet Search
  English  ▼

X  

CMSZDA15V Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMSZDA15V
Description  SURFACE MOUNT DUAL, SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMSZDA15V Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMSZDA15V Datasheet HTML 1Page - Central Semiconductor Corp CMSZDA15V Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Central
Semiconductor Corp.
TM
CMSZDA2V4
THRU
CMSZDA47V
SURFACE MOUNT
DUAL, SILICON ZENER DIODE
2.4 VOLTS THRU 47 VOLTS
275mW
R4 (4-January 2004)
LEAD CODE:
1) Cathode D2
2) Cathode D1
3) Anode D1, D2
TYPE NO.
ZENER
VOLTAGE
VZ @ IZT
TEST
CURRENT
MAXIMUM
ZENER IMPEDANCE
MAXIMUM
REVERSE
CURRENT
MAXIMUM
ZENER
CURRENT
MAXIMUM
ZENER
VOLTAGE
TEMP.
COEFF.
MARKING
CODE
MIN
MAX
IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
IZM
Θ
ΘVZ
VOLTS VOLTS
mA
Ω
Ω
Ω
Ω
mA
µA
VOLTS
mA
% / °C
CMSZDA18V
16.8
19.1
5.0
45
225
1.0
0.05
12.6
9.2
0.08
Y6Y
CMSZDA20V
18.8
21.2
5.0
55
225
1.0
0.05
14.0
8.3
0.08
Y7Y
CMSZDA22V
20.8
23.3
5.0
55
250
1.0
0.05
15.4
7.6
0.09
Y8Y
CMSZDA24V
22.8
25.6
5.0
70
250
1.0
0.05
16.8
7.0
0.09
Y9Y
CMSZDA27V
25.1
28.9
2.0
80
300
0.5
0.05
18.9
6.2
0.09
10W
CMSZDA30V
28.0
32.0
2.0
80
300
0.5
0.05
21.0
5.6
0.09
11W
CMSZDA33V
31.0
35.0
2.0
80
325
0.5
0.05
23.1
5.0
0.09
12W
CMSZDA36V
34.0
38.0
2.0
90
350
0.5
0.05
25.2
4.6
0.09
13W
CMSZDA39V
37.0
41.0
2.0
130
350
0.5
0.05
27.3
4.3
0.09
14W
CMSZDA43V
40.0
46.0
2.0
150
375
0.5
0.05
30.1
3.9
0.10
15W
CMSZDA47V
44.0
50.0
2.0
170
375
0.5
0.05
32.9
3.5
0.10
16W
SOT-323 CASE - MECHANICAL OUTLINE
ELECTRICAL CHARACTERISTICS PER DIODE (Continued)
MARKING CODE: See Marking Codes on
Electrical Characteristics table.
1
3
2
D1
D2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com