Electronic Components Datasheet Search
  English  ▼

X  

LOK Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # LOK
Description  Low dielectric constant
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

LOK Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  LOK Datasheet HTML 1Page - Laird Tech Smart Technology LOK Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Eccostock®LoK
RFP-DS-LoK 112515
Any information furnished by Laird Technologies, Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use and application of Laird Technologies materials rests with the end user. Laird
Technologies makes no warranties as to the fitness, merchantability, suitability or non- infringement of any Laird Technologies materials or products for any specific or general uses. Laird Technologies shall not be liable for incidental or consequential damages of any
kind. All Laird Technologies products are sold pursuant to the Laird Technologies’ Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon request. © Copyright 2015 Laird Technologies, Inc. All Rights Reserved. Laird, Laird
Technologies, the Laird Technologies Logo, and other marks are trademarks or registered trademarks of Laird Technologies, Inc. or an affiliate company thereof. Other product or service names may be the property of third parties. Nothing herein provides a license
under any Laird Technologies or any third party intellectual property rights.
AVAILABILITY
• Eccostock LoK is available in the following standard sizes:
• Sheets 30.5 x 30.5cm (12” x 12”) in thicknesses of 0.32, 0.64, 0.95, 1.27, 1.59, 1.91, 2.54, 3.81,
5.08, 6.35 & 7.62 cm (1/8, 1/4, 3/8, 1/2, 5/8, 3/4, 1.0, 1.5, 2.0, 2.5 & 3.0”)
• Rods 30.5 cm (12”) long in diameters of 0.32, 0.64, 0.95, 1.27, 1.59, 1.91, 2.54, 3.81, 5.08, 6.35
& 7.62 cm (1/8, 1/4, 3/8, 1/2, 5/8, 3/4, 1.0, 1.5, 2.0, 2.5 & 3.0”).
• Bars 30.5 cm (12”) long in squares of 0.64, 0.95, 1.27, 1.59, 1.91, 2.54, 3.81 & 5.08 cm (1/4, 3/8,
1/2, 5/8, 3/4, 1.0, 1.5 & 2.0”).
Other sizes, shapes, thicknesses, and configurations are available on special order.
INSTRUCTIONS FOR USE
• Machinability of Eccostock LoK is excellent.
• Gumming does not occur and automatic screw machine operations are possible with it.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com