Electronic Components Datasheet Search
  English  ▼

X  

LOK Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # LOK
Description  Low dielectric constant
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

LOK Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  LOK Datasheet HTML 1Page - Laird Tech Smart Technology LOK Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Eccostock®LoK
Low Loss, Low Dielectric Constant Plastic
LOW LOSS LOW-K DIELECTRIC MATERIAL
Eccostock LoK is a low dielectric constant, low loss and low weight thermosetting plastic for RF and
microwave insulation. It weighs only about half that of polystyrene and one quarter that of
polytetrafluorethylene.
Eccostock LoK has better dimensional stability than other low loss plastics. It will not cold flow, nor
will it flow when heat is applied. Soldering iron temperatures will not soften Eccostock LoK, only
slightly degrade in the immediate area of contact.
It is completely unicellular and is unaffected by moisture.
FEATURES AND BENEFITS
• Low dielectric constant
• Lightweight
• Good dimensional stability
MARKETS
• Commercial Telecom
• Security and Defense
SPECIFICATIONS
TYPICAL PROPERTIES
ECCOSTOCK LOK
Temperature Range °C (°F)
-70 to 150 (-94 to 302)
Frequency
60 Hz to 10 Ghz
Density g/cc
0.54
Dielectric Constant
1.7
Dielectric Strength, volts/mil (kv/mm)
300 (11.8)
Dissipation Factor
<0.004
Volume Resistivity, ohm-cm
10
14
Flexural Strength, kg/cm
2 (psi)
420 (6,000)
Coefficient of Linear Expansion, per°C (°F)
50 x 10
-6 (28 x 10-6)
Thermal Conductivity W/mK
0.4
Water absorption (%gain in 24h at 25°C)
0.1
Data for design engineer guidance only. Observed performance varies in application. Engineers are
reminded to test the material in application.
APPLICATIONS
• Eccostock LoK is specifically designed for use in coaxial, waveguide and antenna support
problems. Due to the low dielectric constant, reflections in transmission lines are minimized.
• RF coils wound on Eccostock LoK exhibit higher Q than when wound on polystyrene or other
plastic stock.
Americas: +1.866.928.8181
Europe: +49.(0)8031.2460.0
Asia: +86.755.2714.1166
www.lairdtech.com


Similar Part No. - LOK

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LOK376-RU SIEMENS-LOK376-RU Datasheet
364Kb / 7P
Hyper ARGUS LED Hyper-Bright, 3 mm T1 LED, Non Diffused
LOK376-S SIEMENS-LOK376-S Datasheet
364Kb / 7P
Hyper ARGUS LED Hyper-Bright, 3 mm T1 LED, Non Diffused
LOK376-SV SIEMENS-LOK376-SV Datasheet
364Kb / 7P
Hyper ARGUS LED Hyper-Bright, 3 mm T1 LED, Non Diffused
LOK376-T SIEMENS-LOK376-T Datasheet
364Kb / 7P
Hyper ARGUS LED Hyper-Bright, 3 mm T1 LED, Non Diffused
LOK376-U SIEMENS-LOK376-U Datasheet
364Kb / 7P
Hyper ARGUS LED Hyper-Bright, 3 mm T1 LED, Non Diffused
More results

Similar Description - LOK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GRM155R61A683KA01 ETC-GRM155R61A683KA01 Datasheet
223Kb / 13P
High Dielectric Constant Type 6.3/16/25/50V
SM5651 ETC2-SM5651 Datasheet
348Kb / 2P
Low Pressure, Constant Current DIP Low Pressure, Constant Voltage DIP
logo
Laird Tech Smart Techno...
HIK LSTD-HIK Datasheet
108Kb / 2P
Adjusted dielectric constant
CPE LSTD-CPE Datasheet
125Kb / 2P
Low dielectric loss
logo
World Produts Inc.
PCMP389 WPI-PCMP389 Datasheet
131Kb / 16P
Low loss dielectric
logo
Linkage Goston Electron...
SM7313 LINKAGE-SM7313 Datasheet
1Mb / 7P
Low Cost Low Speed LED Constant
SM7313C LINKAGE-SM7313C Datasheet
1Mb / 7P
Low Cost Low Speed LED Constant
logo
SHENZHEN FUMAN ELECTRON...
FM3773 FUMAN-FM3773 Datasheet
508Kb / 5P
Low Power Offline Constant Current / Constant Voltage PSR Controller
FM3773ES FUMAN-FM3773ES Datasheet
453Kb / 5P
Low Power Offline Constant Current / Constant Voltage PSR Controller
TC3773CS FUMAN-TC3773CS Datasheet
226Kb / 5P
Low Power Offline Constant Current / Constant Voltage PSR Controller
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com